Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT32M Datasheet (PDF) - STMicroelectronics

74ACT32M Datasheet PDF - STMicroelectronics
Part # 74ACT32M
Download  74ACT32M Download
File Size   67.08 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD 2-INPUT OR GATE

74ACT32M Datasheet (PDF)

Go To PDF Page Download Datasheet
74ACT32M Datasheet PDF - STMicroelectronics

Part # 74ACT32M
Download  74ACT32M Click to download

File Size   67.08 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD 2-INPUT OR GATE

74ACT32M Datasheet (HTML) - STMicroelectronics


74ACT32M Product details

DESCRIPTION
The 74ACT32 is an advanced high-speed CMOS QUAD 2-INPUT OR GATE fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS tecnology.

■ HIGH SPEED: tPD = 4.5ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION: ICC = 2µA(MAX.) at TA=25°C
■ COMPATIBLE WITH TTL OUTPUTS VIH = 2V (MIN.), VIL = 0.8V (MAX.)
■ 50Ω TRANSMISSION LINE DRIVING CAPABILITY
■ SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 24mA (MIN)
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE: VCC (OPR) = 4.5V to 5.5V
■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 32
■ IMPROVED LATCH-UP IMMUNITY




Similar Part No. - 74ACT32M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT32M STMICROELECTRONICS-74ACT32M Datasheet
181Kb / 8P
QUAD 2-INPUT OR GATE
Apr-2001
logo
Fairchild Semiconductor
74ACT32MTC FAIRCHILD-74ACT32MTC Datasheet
87Kb / 7P
Quad 2-Input OR Gate
74ACT32MTC FAIRCHILD-74ACT32MTC Datasheet
104Kb / 7P
Quad 2-Input OR Gate
74ACT32MTC FAIRCHILD-74ACT32MTC Datasheet
307Kb / 10P
Quad 2-Input OR Gate
logo
ON Semiconductor
74ACT32MTC ONSEMI-74ACT32MTC Datasheet
343Kb / 6P
Quad 2-Input OR Gate
October-2017, Rev. 2
More results


Similar Description - 74ACT32M

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
Quad 2-Input OR gate
1991 Feb 08
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
QUAD 2-INPUT OR GATE
Apr-2001
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
QUAD 2-INPUT OR GATE
Feb-1999
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
QUAD 2 INPUT OR GATE
logo
Fairchild Semiconductor
DM74AS32 FAIRCHILD-DM74AS32 Datasheet
60Kb / 5P
Quad 2-Input OR Gate
DM74S32 FAIRCHILD-DM74S32 Datasheet
33Kb / 3P
Quad 2-Input OR Gate
MM74HCT32 FAIRCHILD-MM74HCT32_05 Datasheet
83Kb / 7P
Quad 2-Input OR Gate
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com