Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT32M Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74ACT32M
Description  QUAD 2-INPUT OR GATE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT32M Datasheet(HTML) 1 Page - STMicroelectronics

  74ACT32M Datasheet HTML 1Page - STMicroelectronics 74ACT32M Datasheet HTML 2Page - STMicroelectronics 74ACT32M Datasheet HTML 3Page - STMicroelectronics 74ACT32M Datasheet HTML 4Page - STMicroelectronics 74ACT32M Datasheet HTML 5Page - STMicroelectronics 74ACT32M Datasheet HTML 6Page - STMicroelectronics 74ACT32M Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
74ACT32
QUAD 2-INPUT OR GATE
April 1997
s
HIGH SPEED: tPD = 4.5 ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =4
µA (MAX.) at TA =25 oC
s
COMPATIBLE WITH TTL OUTPUTS
VIH =2V (MIN), VIL = 0.8V (MAX)
s
50
Ω TRANSMISSION LINE DRIVING
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =24 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 4.5V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 32
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The ACT32 is an advanced high-speed CMOS
QUAD
2-INPUT OR GATE fabricated with
sub-micron silicon gate and double-layer metal
wiring C
2MOS technology. It is ideal for low
power
applications
mantaining
high
speed
operation similar to equivalent Bipolar Schottky
TTL.
The internal circuit is composed of 2 stages
including buffer output, which enables high noise
immunity and stable output.
The device is designed to interface directly High
Speed CMOS systems with TTL, NMOS and
CMOS output voltage levels.
All
inputs and
outputs
are
equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES :
74ACT32B
74ACT32M
M
(Micro Package)
B
(Plastic Package)
1/7


Similar Part No. - 74ACT32M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT32M STMICROELECTRONICS-74ACT32M Datasheet
181Kb / 8P
QUAD 2-INPUT OR GATE
Apr-2001
logo
Fairchild Semiconductor
74ACT32MTC FAIRCHILD-74ACT32MTC Datasheet
87Kb / 7P
Quad 2-Input OR Gate
74ACT32MTC FAIRCHILD-74ACT32MTC Datasheet
104Kb / 7P
Quad 2-Input OR Gate
74ACT32MTC FAIRCHILD-74ACT32MTC Datasheet
307Kb / 10P
Quad 2-Input OR Gate
logo
ON Semiconductor
74ACT32MTC ONSEMI-74ACT32MTC Datasheet
343Kb / 6P
Quad 2-Input OR Gate
October-2017, Rev. 2
More results

Similar Description - 74ACT32M

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
Quad 2-Input OR gate
1991 Feb 08
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
QUAD 2-INPUT OR GATE
Apr-2001
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
QUAD 2-INPUT OR GATE
Feb-1999
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
QUAD 2 INPUT OR GATE
logo
Fairchild Semiconductor
DM74AS32 FAIRCHILD-DM74AS32 Datasheet
60Kb / 5P
Quad 2-Input OR Gate
DM74S32 FAIRCHILD-DM74S32 Datasheet
33Kb / 3P
Quad 2-Input OR Gate
MM74HCT32 FAIRCHILD-MM74HCT32_05 Datasheet
83Kb / 7P
Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com