Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL1707DBQ Datasheet (PDF) - Texas Instruments

PLL1707DBQ Datasheet PDF - Texas Instruments
Part # PLL1707DBQ
Download  PLL1707DBQ Download
File Size   365.33 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.3-V DUAL PLL MULTICLOCK GENERATOR

PLL1707DBQ Datasheet (PDF)

Go To PDF Page Download Datasheet
PLL1707DBQ Datasheet PDF - Texas Instruments

Part # PLL1707DBQ
Download  PLL1707DBQ Click to download

File Size   365.33 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.3-V DUAL PLL MULTICLOCK GENERATOR

PLL1707DBQ Datasheet (HTML) - Texas Instruments


PLL1707DBQ Product details

FEATURES
27-MHz Master Clock Input
Generated Audio System Clock (PLL1707):
– SCKO0: 768 fS (fS = 44.1 kHz)
– SCKO1: 768 fS, 512 fS (fS = 48 kHz)
– SCKO2: 256 fS (fS = 32, 44.1, 48, 64, 88.2,
96 kHz)
– SCKO3: 384 fS (fS = 32, 44.1, 48, 64, 88.2,
96 kHz)
Generated Audio System Clock (PLL1708):
– SCKO0: 768 fS (fS = 44.1 kHz)
– SCKO1: 768 fS, 512 fS, 384 fS, 256 fS
(fS = 48 kHz)
– SCKO2: 256 fS (fS = 16, 22.05, 24, 32, 44.1,
48, 64, 88.2, 96 kHz)
– SCKO3: 384 fS (fS = 16, 22.05, 24, 32, 44.1,
48, 64, 88.2, 96 kHz)
Zero PPM Error Output Clocks
Low Clock Jitter: 50 ps (Typical)
Multiple Sampling Frequencies (PLL1707):
– fS = 32, 44.1, 48, 64, 88.2, 96 kHz
Multiple Sampling Frequencies (PLL1708):
– fS = 16, 22.05, 24, 32, 44.1, 48, 64, 88.2,
96 kHz
3.3-V Single Power Supply
PLL1707: Parallel Control
PLL1708: Serial Control
Package: 20-Pin SSOP (150 mil), Lead-Free
Product

APPLICATIONS
HDD + DVD Recorders
DVD Recorders
HDD Recorders
DVD Players
DVD Add-On Cards for Multimedia PCs
Digital HDTV Systems
Set-Top Boxes

DESCRIPTION
The PLL1707† and PLL1708† are low cost, phase-locked
loop (PLL) multiclock generators. The PLL1707 and
PLL1708 can generate four system clocks from a 27-MHz
reference input frequency. The clock outputs of the
PLL1707 can be controlled by sampling frequency-control
pins and those of the PLL1708 can be controlled through
serial-mode control pins. The device gives customers both
cost and space savings by eliminating external
components and enables customers to achieve the very
low-jitter performance needed for high performance audio
DACs and/or ADCs. The PLL1707 and PLL1708 are ideal
for MPEG-2 applications which use a 27-MHz master
clock such as DVD recorders, HDD recorders, DVD
add-on cards for multimedia PCs, digital HDTV systems,
and set-top boxes.




Similar Part No. - PLL1707DBQ

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PLL1707DBQ BURR-BROWN-PLL1707DBQ Datasheet
171Kb / 22P
3.3 V DUAL PLL MULTICLOCK GENERATOR
logo
Texas Instruments
PLL1707DBQ TI1-PLL1707DBQ Datasheet
617Kb / 25P
3.3-V DUAL PLL MULTICLOCK GENERATOR
PLL1707DBQG4 TI1-PLL1707DBQG4 Datasheet
617Kb / 25P
3.3-V DUAL PLL MULTICLOCK GENERATOR
logo
Burr-Brown (TI)
PLL1707DBQR BURR-BROWN-PLL1707DBQR Datasheet
171Kb / 22P
3.3 V DUAL PLL MULTICLOCK GENERATOR
logo
Texas Instruments
PLL1707DBQR TI1-PLL1707DBQR Datasheet
617Kb / 25P
3.3-V DUAL PLL MULTICLOCK GENERATOR
More results


Similar Description - PLL1707DBQ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12439 ONSEMI-NBC12439 Datasheet
143Kb / 20P
3.3 V/5 V Programmable PLL Synthesized Clock Generator
May, 2003 - Rev. 2
logo
Texas Instruments
PLL1705 TI-PLL1705 Datasheet
128Kb / 17P
3.3-V DUAL PLL MULTICLOCK GENERATOR
logo
Burr-Brown (TI)
PLL1707 BURR-BROWN-PLL1707 Datasheet
171Kb / 22P
3.3 V DUAL PLL MULTICLOCK GENERATOR
logo
Motorola, Inc
MPC9331 MOTOROLA-MPC9331 Datasheet
321Kb / 12P
3.3 V 1:6 LVCMOS PLL Clock Generator
logo
Freescale Semiconductor...
MPC9773 FREESCALE-MPC9773 Datasheet
490Kb / 19P
3.3 V 1:12 LVCMOS PLL Clock Generator
logo
Burr-Brown (TI)
PLL1705 BURR-BROWN-PLL1705_06 Datasheet
157Kb / 18P
3.3-V DUAL PLL MULTICLOCK GENERATOR
logo
Texas Instruments
PLL1707-Q1 TI1-PLL1707-Q1 Datasheet
602Kb / 18P
3.3-V DUAL-PLL MULTICLOCK GENERATOR
PLL1707 TI1-PLL1707_15 Datasheet
617Kb / 25P
3.3-V DUAL PLL MULTICLOCK GENERATOR
logo
Renesas Technology Corp
MPC9653 RENESAS-MPC9653 Datasheet
788Kb / 13P
3.3 V 1:8 LVCMOS PLL Clock Generator
2019
MPC9773 RENESAS-MPC9773 Datasheet
557Kb / 22P
3.3 V 1:12 LVCMOS PLL Clock Generator
2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com