Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL1707DBQ Datasheet(PDF) 2 Page - Texas Instruments

Part # PLL1707DBQ
Description  3.3-V DUAL PLL MULTICLOCK GENERATOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PLL1707DBQ Datasheet(HTML) 2 Page - Texas Instruments

  PLL1707DBQ Datasheet HTML 1Page - Texas Instruments PLL1707DBQ Datasheet HTML 2Page - Texas Instruments PLL1707DBQ Datasheet HTML 3Page - Texas Instruments PLL1707DBQ Datasheet HTML 4Page - Texas Instruments PLL1707DBQ Datasheet HTML 5Page - Texas Instruments PLL1707DBQ Datasheet HTML 6Page - Texas Instruments PLL1707DBQ Datasheet HTML 7Page - Texas Instruments PLL1707DBQ Datasheet HTML 8Page - Texas Instruments PLL1707DBQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
PLL1707
PLL1708
SLES065 – DECEMBER 2002
www.ti.com
2
FUNCTIONAL BLOCK DIAGRAM
Mode Control Interface
( ): PLL1708
XT1
(MS)
SR
(MC)
FS2
(MD)
FS1
CSEL
PLL2
PLL1
OSC
XT2
MCKO1
MCKO2
SCKO0
Divider
Divider
Divider
SCKO1
SCKO2
SCKO3
Reset
Power Supply
VCC AGND VDD1–3 DGND1–3
PACKAGE/ORDERING INFORMATION
PRODUCT
PACKAGE
PACKAGE CODE
OPERATION
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA
PLL1707DBQ
SSOP 20
20DBQ
25
°Cto85°C
PLL1707
PLL1707DBQ
Tube
PLL1707DBQ
SSOP 20
20DBQ
–25
°C to 85°C
PLL1707
PLL1707DBQR
Tape and reel
PLL1708DBQ
SSOP 20
20DBQ
25
°Cto85°C
PLL1708
PLL1708DBQ
Tube
PLL1708DBQ
SSOP 20
20DBQ
–25
°C to 85°C
PLL1708
PLL1708DBQR
Tape and reel
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
PLL1705 AND PLL1706
Supply voltage: VCC, VDD1–VDD3
4 V
Supply voltage differences: VCC, VDD1–VDD3
±0.1 V
Ground voltage differences: AGND, DGND1–DGND3
±0.1 V
Digital input voltage: FS1 (MD), FS2 (MC), SR (MS), CSEL
– 0.3 V to (VDD + 0.3) V
Analog input voltage, XT1, XT2
– 0.3 V to (VCC + 0.3) V
Input current (any pins except supplies)
±10 mA
Ambient temperature under bias
–40
°C to 125°C
Storage temperature
–55
°C to 150°C
Junction temperature
150
°C
Lead temperature (soldering)
260
°C, 5 s
Package temperature (IR reflow, peak)
260
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com