Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL1707DBQ Datasheet(PDF) 13 Page - Texas Instruments

Part # PLL1707DBQ
Description  3.3-V DUAL PLL MULTICLOCK GENERATOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PLL1707DBQ Datasheet(HTML) 13 Page - Texas Instruments

Back Button PLL1707DBQ Datasheet HTML 9Page - Texas Instruments PLL1707DBQ Datasheet HTML 10Page - Texas Instruments PLL1707DBQ Datasheet HTML 11Page - Texas Instruments PLL1707DBQ Datasheet HTML 12Page - Texas Instruments PLL1707DBQ Datasheet HTML 13Page - Texas Instruments PLL1707DBQ Datasheet HTML 14Page - Texas Instruments PLL1707DBQ Datasheet HTML 15Page - Texas Instruments PLL1707DBQ Datasheet HTML 16Page - Texas Instruments PLL1707DBQ Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
PLL1707
PLL1708
SLES065 – DECEMBER 2002
www.ti.com
13
FUNCTION CONTROL
The built-in functions of the PLL1707 can be controlled in the parallel mode (hardware mode), which uses SR (pin 7), FS1
(pin 5) and FS2 (pin 6). The PLL1708 can be controlled in the serial mode (software mode), which has a three-wire interface
using MS (pin 7), MC (pin 6), and MD (pin 5). The selectable functions are shown in Table 4.
Table 4. Selectable Functions
SELECTABLE FUNCTION
PARALLEL MODE
SERIAL MODE
Sampling frequency select (32 kHz, 44.1 kHz, 48 kHz)
Yes
Yes
Sampling rate select (standard/double)
Yes
Yes
Sampling rate select (half)
No
Yes
Each clock output enable/disable
No
Yes
Power down
No
Yes
SCKO1 configuration
No
Yes
PLL1707 (Parallel Mode)
In the parallel mode, the following functions can be selected:
Sampling Frequency Group Select
The sampling frequency group can be selected by FS1 (pin 5) and FS2 (pin 6).
FS2 (PIN 6)
FS1 (PIN 5)
SAMPLING FREQUENCY
LOW
LOW
48 kHz
LOW
HIGH
44.1 kHz
HIGH
LOW
32 kHz
HIGH
HIGH
Reserved
Sampling Rate Select
The sampling rate can be selected by SR (pin 7)
SR (PIN 7)
SAMPLING RATE
LOW
Standard
HIGH
Double
System Clock SCKO1 Frequency Select
System clock SCKO1 frequency can be selected by CSEL (pin 12).
CSEL (PIN 12)
SCKO1 FREQUENCY
LOW
36.864 MHz
HIGH
24.576 MHz
PLL1708 (Serial Mode)
The built-in functions of the PLL1708 are shown in Table 5. These functions are controlled using the MS, MC, and MD serial
control signals.
Table 5. Selectable Functions
SELECTABLE FUNCTION
DEFAULT
Sampling frequency select (32 kHz, 44.1 kHz, 48 kHz)
48-kHz group
Sampling rate select (half, standard, double)
Standard
Each clock output enable/disable
Enabled
Power down
Disabled
SCKO1 configuration
36.864 MHz, 24.576 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com