Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX14819 Datasheet (PDF) - Maxim Integrated Products

MAX14819 Datasheet PDF - Maxim Integrated Products
Part # MAX14819
Download  MAX14819 Download
File Size   1267.97 Kbytes
Page   70 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual IO-Link Master Transceiver with Integrated Framers and L Supply Controllers

MAX14819 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX14819 Datasheet PDF - Maxim Integrated Products

Part # MAX14819
Download  MAX14819 Click to download

File Size   1267.97 Kbytes
Page   70 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual IO-Link Master Transceiver with Integrated Framers and L Supply Controllers

MAX14819 Datasheet (HTML) - Maxim Integrated Products


MAX14819 Product details

General Description
The MAX14819 low-power, dual-channel, IO-Link® master transceiver with sensor/actuator power-supply controllers is fully compliant with the latest IO-Link and binary input standards and test specifications, IEC 61131-2, IEC 61131-9 SDCI, and IO-Link 1.1.2. This master transceiver also includes two auxiliary digital input (DI_) channels.
The MAX14819 is configurable to operate either with external UARTs or using the integrated framers on the IC.
To ease selection of microcontroller, the master transceiver features frame handlers with UARTs and FIFOs. These are designed to simplify time critical control of all IO-Link M-sequence frame types. The MAX14819 also features autonomous cycle timers, reducing the need for accurate controller timing. Integrated establish-communication sequencers also simplify wake-up management.
The MAX14819 integrates two low-power sensor supply controllers with advanced current limiting, reverse current blocking, and reverse polarity protection capability to enable low-power robust solutions.
The MAX14819 is available in a 48-pin (7mm x 7mm) TQFN package and is specified over the extended -40°C to +125°C temperature range.

Applications
● IO-Link Master Systems
● IO-Link Gateways

Benefits and Features
●● Low-Power Architecture
• 1Ω (typ) Driver On-Resistance
• 1.9mA (typ) Total Supply Current for 2 Channels
• Current Limiters with 15mV Sense Voltage
●● Integrated IO-Link Framer Eliminates Need for External UARTs
• Integrated Cycle Timer Relieves Microcontroller from Timing-Critical Tasks
●● High Configurability and Integration Reduce SKUs
• Two Auxiliary Type 1/Type 3 Digital Inputs
• Supports npn Sensors
• Selectable Driver Current: 100mA to 500mA
●● Integrated Protection Enables Robust Systems
• Reverse Polarity Protection on All Interface Pins
• C/Q and DI Fully Compliant with IEC 61131-2
• C/Q Compliant with IO-Link 1.1.2
• Reverse Current Blocking on L+ and C/Q
• 65V Absolute Max Ratings for TVS Flexibility
• Dual 24V Sensor Supply Controllers Include: Large Capacitive Load Charge Capability 2A and Higher Load Currents
• Glitch Filters for Improved Burst Resilience
• -40°C to +125°C Operating Temperature Range




Similar Part No. - MAX14819

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14819 MAXIM-MAX14819 Datasheet
1Mb / 12P
IO-Link-Compliant Device Transceiver
Rev 3; 2/21
logo
Analog Devices
MAX14819 AD-MAX14819 Datasheet
1Mb / 70P
Dual IO-Link Master Transceiver with Integrated Framers and L Supply Controllers
Rev 0; 3/17
logo
Maxim Integrated Produc...
MAX14819A MAXIM-MAX14819A Datasheet
1Mb / 12P
IO-Link-Compliant Device Transceiver
Rev 3; 2/21
logo
Analog Devices
MAX14819ATM AD-MAX14819ATM Datasheet
1Mb / 70P
Dual IO-Link Master Transceiver with Integrated Framers and L Supply Controllers
Rev 0; 3/17
MAX14819ATM+ AD-MAX14819ATM+ Datasheet
1Mb / 70P
Dual IO-Link Master Transceiver with Integrated Framers and L Supply Controllers
Rev 0; 3/17
More results


Similar Description - MAX14819

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14824 MAXIM-MAX14824 Datasheet
2Mb / 28P
IO-Link Master Transceiver
Rev 3; 5/12
logo
STMicroelectronics
L6360 STMICROELECTRONICS-L6360 Datasheet
791Kb / 65P
IO-Link communication master transceiver IC
15-Mar-2012
logo
Festo Corporation.
8086604 FESTO-8086604 Datasheet
89Kb / 2P
IO-Link Master
logo
WAGO Kontakttechnik Gmb...
750-657 WAGO-750-657 Datasheet
555Kb / 13P
IO-Link Master
logo
Pepperl+Fuchs Inc.
ICE1-8IOL-G30L-V1D PF-ICE1-8IOL-G30L-V1D Datasheet
857Kb / 4P
IO-Link master
logo
Maxim Integrated Produc...
MAX14824EVKIT MAXIM-MAX14824EVKIT Datasheet
1Mb / 12P
IO-Link-Compliant Master Transceiver
Rev 2; 1/13
logo
Dialog Semiconductor
CCE4510 DIALOG-CCE4510 Datasheet
1Mb / 39P
IO-Link Master PHY with integrated Frame Handler
logo
Pepperl+Fuchs Inc.
IO-LINK-MASTER02-USB PF-IO-LINK-MASTER02-USB Datasheet
715Kb / 4P
IO-Link Master
2020-06-30
logo
NXP Semiconductors
CM3120 NXP-CM3120 Datasheet
1Mb / 38P
IO-link master transceiver
Rev. 1.0, 7/2016
logo
Renesas Technology Corp
CCE4510 RENESAS-CCE4510 Datasheet
1Mb / 39P
IO-Link Master PHY with integrated Frame Handler
Dec 15, 2022
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com