Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

645-1 Datasheet (PDF) - BlockMaster Electronics, Inc.

645-1 Datasheet PDF - BlockMaster Electronics, Inc.
Part # 645-1
Download  645-1 Download
File Size   226.69 Kbytes
Page   2 Pages
Manufacturer  BLOCKMASTER-ELECTRONICS [BlockMaster Electronics, Inc.]
Direct Link  https://www.blockmaster.com/
Logo BLOCKMASTER-ELECTRONICS - BlockMaster Electronics, Inc.
Description Screwless Terminal Blocks

645-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
645-1 Datasheet PDF - BlockMaster Electronics, Inc.

Part # 645-1
Download  645-1 Click to download

File Size   226.69 Kbytes
Page   2 Pages
Manufacturer  BLOCKMASTER-ELECTRONICS [BlockMaster Electronics, Inc.]
Direct Link  https://www.blockmaster.com/
Logo BLOCKMASTER-ELECTRONICS - BlockMaster Electronics, Inc.
Description Screwless Terminal Blocks

645-1 Datasheet (HTML) - BlockMaster Electronics, Inc.


645-1 Product details

Features:
*Standard 3.5 mm Spacing
*Angled wire insertion
*Available with or without push button
*Compact design
*No exposed metal parts




Similar Part No. - 645-1

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
645 ADVANCEDENERGY-645 Datasheet
125Kb / 4P
TREK 645
logo
Walther-Werke
645 WALTHER-645 Datasheet
437Kb / 4P
Channel installation sockets IP 44
logo
Alpha Wire
6450 ALPHAWIRE-6450 Datasheet
107Kb / 4P
Customer Specification
logo
Aavid, Thermal Division...
64500 AAVID-64500 Datasheet
455Kb / 2P
Natural Convection: 1.33 based on 70 C temp rise above ambient
November 2016 A02
logo
Wurth Elektronik GmbH &...
64500113722 WURTH-64500113722 Datasheet
1Mb / 3P
3.96 MM FEMALE CRIMP TERMINAL
REV:H 06-AUG-13
More results


Similar Description - 645-1

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CSTBP254H CAMDENBOSS-CSTBP254H Datasheet
453Kb / 1P
2.54mm screwless terminal blocks
CSTBP254V CAMDENBOSS-CSTBP254V Datasheet
453Kb / 1P
2.54mm screwless terminal blocks
CSTBP381 CAMDENBOSS-CSTBP381 Datasheet
344Kb / 1P
3.81mm screwless terminal blocks
CSTBP45VDA CAMDENBOSS-CSTBP45VDA Datasheet
491Kb / 1P
3.5mm 45° screwless terminal blocks
CSTBP45VDB CAMDENBOSS-CSTBP45VDB Datasheet
491Kb / 1P
3.5mm 45° screwless terminal blocks
CSTBP500 CAMDENBOSS-CSTBP500 Datasheet
346Kb / 1P
5mm screwless terminal blocks
CSTBP508H CAMDENBOSS-CSTBP508H Datasheet
508Kb / 1P
5 .08mm screwless terminal blocks
CSTBP508V CAMDENBOSS-CSTBP508V Datasheet
508Kb / 1P
5 .08mm screwless terminal blocks
CSTBP762H CAMDENBOSS-CSTBP762H Datasheet
467Kb / 1P
7.62mm screwless terminal blocks
CSTBP762V CAMDENBOSS-CSTBP762V Datasheet
467Kb / 1P
7.62mm screwless terminal blocks
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com