Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TORNOS Datasheet (PDF) - Coherent Corp

TORNOS Datasheet PDF - Coherent Corp
Part # TORNOS
Download  TORNOS Download
File Size   183.93 Kbytes
Page   2 Pages
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp
Description Faraday Isolators – 405 nm to 980 nm

TORNOS Datasheet (PDF)

Go To PDF Page Download Datasheet
TORNOS Datasheet PDF - Coherent Corp

Part # TORNOS
Download  TORNOS Click to download

File Size   183.93 Kbytes
Page   2 Pages
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp
Description Faraday Isolators – 405 nm to 980 nm

TORNOS Datasheet (HTML) - Coherent Corp


TORNOS Product details

FEATURES
• High transmission
• Extends the life of your diode
• Compact design

APPLICATIONS
• Raman Spectroscopy
• DNA Sequencing
• Imaging
• Environmental Sensing
• Mapping
• Microscopy
• 3D Metrology
• Protecting pump lasers in amplified systems
• Cold Atom




Similar Part No. - TORNOS

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
TORNOS-BROADBAND COHERENT-TORNOS-BROADBAND Datasheet
454Kb / 2P
Optical Isolators 520 nm to 885 nm
TORNOS-COMPACT COHERENT-TORNOS-COMPACT Datasheet
94Kb / 2P
Faraday Rotators and Isolators – 532 nm to 850 nm
More results


Similar Description - TORNOS

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLBG98-2S OSRAM-SPLBG98-2S Datasheet
187Kb / 4P
Un-mounted Laser Bars, 50% Fill-factor, 980 nm
SPLBX98-2S OSRAM-SPLBX98-2S Datasheet
126Kb / 4P
Unmounted Laser Bars, 30% Fill-Factor, 980 nm
logo
Sanyo Semicon Device
DL-LS6002 SANYO-DL-LS6002 Datasheet
20Kb / 1P
980 nm LASER DIODE
logo
Bookham, Inc.
LC93C-20 BOOKHAM-LC93C-20 Datasheet
169Kb / 4P
980 nm Pump Laser Module Unstabilised 100-220 mW
logo
JDS Uniphase Corporatio...
27-7402-120-45 JDSU-27-7402-120-45 Datasheet
288Kb / 6P
Up to 400mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
29-7402-310-FL JDSU-29-7402-310-FL Datasheet
267Kb / 6P
Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
30-7402-500 JDSU-30-7402-500 Datasheet
280Kb / 7P
Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
FFCR51H0 JDSU-FFCR51H0 Datasheet
212Kb / 3P
Fused Coupler, Single Window, 980 nm
logo
OPLINK Communications I...
WTIH1598S01 OPLINK-WTIH1598S01 Datasheet
221Kb / 2P
980/1550 nm WDM/Tap Coupler/Isolator Hybrid Combination
MWDMG1598-S0030 OPLINK-MWDMG1598-S0030 Datasheet
284Kb / 2P
Green 980/1550 nm Micro-Optic WDM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com