Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TORNOS-COMPACT Datasheet (PDF) - Coherent Corp

TORNOS-COMPACT Datasheet PDF - Coherent Corp
Part # TORNOS-COMPACT
Download  TORNOS-COMPACT Download
File Size   94.05 Kbytes
Page   2 Pages
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp
Description Faraday Rotators and Isolators – 532 nm to 850 nm

TORNOS-COMPACT Datasheet (PDF)

Go To PDF Page Download Datasheet
TORNOS-COMPACT Datasheet PDF - Coherent Corp

Part # TORNOS-COMPACT
Download  TORNOS-COMPACT Click to download

File Size   94.05 Kbytes
Page   2 Pages
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp
Description Faraday Rotators and Isolators – 532 nm to 850 nm

TORNOS-COMPACT Datasheet (HTML) - Coherent Corp


TORNOS-COMPACT Product details

FEATURES
• High transmission
• Extends the life of your diode
• Compact design
OPTIONS
• Optional waveplate for manipulation of polarization
• Mounting Clamp Available
• Customization available

APPLICATIONS
• Raman Spectroscopy
• DNA Sequencing
• Imaging
• Environmental Sensing
• Mapping
• Microscopy
• 3D Metrology
• Protecting pump lasers in amplified systems
• Cold Atom




Similar Part No. - TORNOS-COMPACT

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
TORNOS-BROADBAND COHERENT-TORNOS-BROADBAND Datasheet
454Kb / 2P
Optical Isolators 520 nm to 885 nm
More results


Similar Description - TORNOS-COMPACT

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MCE-8V4C-312 UOT-MCE-8V4C-312 Datasheet
81Kb / 2P
850 nm VCSEL
MCE-8V4C-302 UOT-MCE-8V4C-302 Datasheet
81Kb / 2P
850 nm VCSEL
MCE-8V4C-301 UOT-MCE-8V4C-301 Datasheet
81Kb / 2P
850 nm VCSEL
logo
OSRAM GmbH
SFH4556P OSRAM-SFH4556P Datasheet
253Kb / 12P
Infrared Emitter (850 nm)
SFH4853 OSRAM-SFH4853 Datasheet
284Kb / 11P
Infrared Emitter (850 nm)
SFH4855 OSRAM-SFH4855 Datasheet
271Kb / 12P
Infrared Emitter (850 nm)
SFH7251 OSRAM-SFH7251 Datasheet
361Kb / 15P
Infrared Emitter (850 nm) and green GaP-LED (570 nm)
SFH7252 OSRAM-SFH7252 Datasheet
458Kb / 16P
Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
SFH-7251 OSRAM-SFH-7251 Datasheet
485Kb / 15P
Infrared Emitter (850 nm) and green GaP-LED (570 nm)
SFH-7252 OSRAM-SFH-7252 Datasheet
458Kb / 16P
Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com