Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TORNOS-COMPACT Datasheet(PDF) 2 Page - Coherent Corp

Part # TORNOS-COMPACT
Description  Faraday Rotators and Isolators – 532 nm to 850 nm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

TORNOS-COMPACT Datasheet(HTML) 2 Page - Coherent Corp

  TORNOS-COMPACT Datasheet HTML 1Page - Coherent Corp TORNOS-COMPACT Datasheet HTML 2Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TORNOS Compact
© 2023 Coherent Corp.
Legal notices : coherent.com/legal
For more information
www.coherent.com
Available Models
Product
Wavelength
2 mm VIS Isolator
532 and 633
4 mm VIS Isolator
532 and 633
2 mm NIR Rotator
785
2 mm NIR Isolator
785
4 mm NIR Isolator
785
4 mm NIR + Isolator
850
Specifications
Standard
Wavelength
(nm)
Spectral
Range
(nm)
Tunable
Temperature
(°C)
Isolation
(dB)
Transmission
(%)
Forward
Power Handling
(W)
532
522 to 542
10 to 30
≥33
≥92
5
633
628 to 638
10 to 30
≥33
≥95
5
785
780 to 790
10 to 30
≥33
≥95
5
850
845 to 855
10 to 30
≥33
≥95
5
Notes:
Other wavelengths available upon request.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com