Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TORNOS-COMPACT Datasheet(PDF) 1 Page - Coherent Corp

Part # TORNOS-COMPACT
Description  Faraday Rotators and Isolators – 532 nm to 850 nm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

TORNOS-COMPACT Datasheet(HTML) 1 Page - Coherent Corp

  TORNOS-COMPACT Datasheet HTML 1Page - Coherent Corp TORNOS-COMPACT Datasheet HTML 2Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Faraday Rotators and Isolators – 532 nm to 850 nm
TORNOS Compact
Laser Components and Accessories
FEATURES
APPLICATIONS
OPTIONS
• High transmission
• Extends the life of your diode
• Compact design
• Raman Spectroscopy
• DNA Sequencing
• Imaging
• Environmental Sensing
• Mapping
• Microscopy
• 3D Metrology
• Protecting pump lasers in amplified systems
• Cold Atom
• Optional waveplate for manipulation of polarization
• Mounting Clamp Available
• Customization available
The Coherent TORNOS Compact Faraday rotators and isolators are designed for wide-ranging end applications where
optical feedback can adversely affect laser performance. The TORNOS Compact provides high transmission in the forward
direction while strongly attenuating light traveling in the reverse direction, protecting lasers from the deleterious effects of
back reflections.
Our TORNOS Compact devices deliver industry-best laser reliability and performance. The TORNOS Compact covers a
variety of wavelengths in the VIS and NIR. A range of devices is available which allow for optimal isolation and transmission
at specific wavelengths, depending on the model, and within the spectral bandwidth of the device. Our standard models are
available at wavelengths common to many applications. We can also supply the TORNOS Compact optimized for
non-standard wavelengths upon request.
The TORNOS Compact isolators contain optically-contacted polarizing beam splitter cubes resulting in high transmission as
compared to other available isolators. The TORNOS Compact’s industry-leading high transmission results in more photons
for your application. This allows diodes to be run at lower currents extending diode lifetime. The compact design makes it
highly suitable for OEM integration.


Similar Part No. - TORNOS-COMPACT

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
TORNOS-BROADBAND COHERENT-TORNOS-BROADBAND Datasheet
454Kb / 2P
Optical Isolators 520 nm to 885 nm
More results

Similar Description - TORNOS-COMPACT

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MCE-8V4C-312 UOT-MCE-8V4C-312 Datasheet
81Kb / 2P
850 nm VCSEL
MCE-8V4C-302 UOT-MCE-8V4C-302 Datasheet
81Kb / 2P
850 nm VCSEL
MCE-8V4C-301 UOT-MCE-8V4C-301 Datasheet
81Kb / 2P
850 nm VCSEL
logo
OSRAM GmbH
SFH4556P OSRAM-SFH4556P Datasheet
253Kb / 12P
Infrared Emitter (850 nm)
SFH4853 OSRAM-SFH4853 Datasheet
284Kb / 11P
Infrared Emitter (850 nm)
SFH4855 OSRAM-SFH4855 Datasheet
271Kb / 12P
Infrared Emitter (850 nm)
SFH7251 OSRAM-SFH7251 Datasheet
361Kb / 15P
Infrared Emitter (850 nm) and green GaP-LED (570 nm)
SFH7252 OSRAM-SFH7252 Datasheet
458Kb / 16P
Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
SFH-7251 OSRAM-SFH-7251 Datasheet
485Kb / 15P
Infrared Emitter (850 nm) and green GaP-LED (570 nm)
SFH-7252 OSRAM-SFH-7252 Datasheet
458Kb / 16P
Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com