Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LK112SXX41 Datasheet (PDF) - STMicroelectronics

LK112SXX41 Datasheet PDF - STMicroelectronics
Part # LK112SXX41
Download  LK112SXX41 Download
File Size   411.62 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low noise low drop voltage regulator with shutdown function

LK112SXX41 Datasheet (PDF)

Go To PDF Page Download Datasheet
LK112SXX41 Datasheet PDF - STMicroelectronics

Part # LK112SXX41
Download  LK112SXX41 Click to download

File Size   411.62 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low noise low drop voltage regulator with shutdown function

LK112SXX41 Datasheet (HTML) - STMicroelectronics


LK112SXX41 Product details

Description
The LK112Sxx is a low dropout linear regulator with a built in electronic switch. The internal switch can be controlled by TTL or CMOS logic levels. The device is ON state when the control pin is pulled to a logic high level. An external capacitor can be used connected to the noise bypass pin to lower the output noise level to 30 µVrms. An internal PNP pass transistor is used to achieve a low dropout voltage.
The LK112Sxx has a very low quiescent current in ON MODE while in OFF MODE the Iq is reduced down to 100 nA max. The internal thermal shutdown circuitry limits the junction temperature to below 150 °C. The load current is internally monitored and the device will shutdown in the presence of a short circuit or overcurrent condition at the output.

Features
■ Output current up to 200 mA
■ Low dropout voltage (500 mV max at IOUT = 200 mA)
■ Very low quiescent current: 0.1 µA in OFF mode and max 250 µA in ON mode at IOUT = 0 mA
■ Low output noise: typ 30 µV at IOUT = 60 mA and 10 Hz < f < 80 kHz
■ Wide range of output voltages
■ Internal current and thermal limit
■ VOUT tolerance ± 2% (at 25 °C)
■ Operative input voltage from: VOUT+0.5 to 14 V (for VOUT > 2 V) or from 2.5 V to 14 V (for VOUT < 2 V)




Similar Part No. - LK112SXX41

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LK112SXX41 STMICROELECTRONICS-LK112SXX41 Datasheet
404Kb / 17P
Low noise low drop voltage regulator with shutdown function
10-Jul-2008
More results


Similar Description - LK112SXX41

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LK112 STMICROELECTRONICS-LK112 Datasheet
413Kb / 12P
LOW NOISE LOW DROP VOLTAGE REGULATOR WITH SHUTDOWN FUNCTION
Jun-2003
LK112S STMICROELECTRONICS-LK112S Datasheet
427Kb / 11P
LOW NOISE LOW DROP VOLTAGE REGULATOR WITH SHUTDOWN FUNCTION
Feb-2003
logo
Sipex Corporation
SPX2920 SIPEX-SPX2920 Datasheet
175Kb / 7P
400mA Low Drop Out Voltage Regulator with Shutdown
SPX2945 SIPEX-SPX2945 Datasheet
214Kb / 11P
500mA Low Drop Out Voltage Regulator with Shutdown
SPX2955 SIPEX-SPX2955 Datasheet
184Kb / 9P
350mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920 Datasheet
95Kb / 10P
400mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920_06 Datasheet
507Kb / 10P
400mA Low Drop Out Voltage Regulator with Shutdown
logo
STMicroelectronics
LK112SXX STMICROELECTRONICS-LK112SXX_08 Datasheet
404Kb / 17P
Low noise low drop voltage regulator with shutdown function
10-Jul-2008
LK112XX STMICROELECTRONICS-LK112XX Datasheet
407Kb / 17P
Low noise low drop voltage regulator with shutdown function
10-Jul-2008
logo
Unisonic Technologies
LD1985 UTC-LD1985_V01 Datasheet
459Kb / 9P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP.COMPATIBLE, WITH INHIBIT FUNCTION
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com