Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHC14 Datasheet (PDF) - STMicroelectronics

74VHC14 Datasheet PDF - STMicroelectronics
Part # 74VHC14
Download  74VHC14 Download
File Size   220.0 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HEX SCHMITT INVERTER

74VHC14 Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHC14 Datasheet PDF - STMicroelectronics

Part # 74VHC14
Download  74VHC14 Click to download

File Size   220.0 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HEX SCHMITT INVERTER

74VHC14 Datasheet (HTML) - STMicroelectronics


74VHC14 Product details

DESCRIPTION
The 74VHC14 is an advanced high-speed CMOS HEX SCHMITT INVERTER fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology.
The internal circuit is composed of 3 stages including buffer output, which enables high noise immunity and stable output.

■ HIGH SPEED: tPD = 5.5ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION: ICC = 2 µA (MAX.) at TA=25°C
■ TYPICAL HYSTERESIS: Vh = 1V at VCC = 4.5V
■ POWER DOWN PROTECTION ON INPUTS
■ SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 8 mA (MIN)
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE: VCC(OPR) = 2V to 5.5V
■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 14
■ IMPROVED LATCH-UP IMMUNITY
■ LOW NOISE: VOLP = 0.8V (MAX.)




Similar Part No. - 74VHC14

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC14 FAIRCHILD-74VHC14 Datasheet
75Kb / 8P
Hex Schmitt Inverter
logo
National Semiconductor ...
74VHC14 NSC-74VHC14 Datasheet
138Kb / 6P
Hex Schmitt Inverter
logo
Fairchild Semiconductor
74VHC14 FAIRCHILD-74VHC14 Datasheet
78Kb / 6P
Hex Schmitt Inverter
logo
STMicroelectronics
74VHC14 STMICROELECTRONICS-74VHC14 Datasheet
244Kb / 15P
HEX SCHMITT inverter
03-May-2007
logo
ON Semiconductor
74VHC14 ONSEMI-74VHC14 Datasheet
905Kb / 5P
Hex Schmitt Inverter
August-2017, Rev. 2
More results


Similar Description - 74VHC14

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Toshiba Semiconductor
TC74LVX14F TOSHIBA-TC74LVX14F Datasheet
242Kb / 7P
HEX SCHMITT INVERTER
TC74VHCT14AF TOSHIBA-TC74VHCT14AF Datasheet
211Kb / 5P
HEX SCHMITT INVERTER
logo
STMicroelectronics
74AC14 STMICROELECTRONICS-74AC14 Datasheet
174Kb / 7P
HEX SCHMITT INVERTER
Mar-1998
logo
ON Semiconductor
MC74VHC14 ONSEMI-MC74VHC14 Datasheet
83Kb / 7P
Hex Schmitt Inverter
February, 2006 ??Rev. 9
logo
Toshiba Semiconductor
TC74VHC14F TOSHIBA-TC74VHC14F_07 Datasheet
255Kb / 9P
Hex Schmitt Inverter
logo
STMicroelectronics
74ACT14 STMICROELECTRONICS-74ACT14_01 Datasheet
178Kb / 8P
HEX SCHMITT INVERTER
Apr-2001
M74HC14 STMICROELECTRONICS-M74HC14_08 Datasheet
320Kb / 14P
Hex Schmitt inverter
23-May-2008
logo
ON Semiconductor
MC74VHC14 ONSEMI-MC74VHC14_11 Datasheet
124Kb / 7P
Hex Schmitt Inverter
May, 2011 ??Rev. 10
74VHCT14A ONSEMI-74VHCT14A Datasheet
223Kb / 8P
Hex Schmitt Inverter
December 2007 Rev. 1.5.0
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com