Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHC14 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74VHC14
Description  HEX SCHMITT INVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC14 Datasheet(HTML) 2 Page - STMicroelectronics

  74VHC14 Datasheet HTML 1Page - STMicroelectronics 74VHC14 Datasheet HTML 2Page - STMicroelectronics 74VHC14 Datasheet HTML 3Page - STMicroelectronics 74VHC14 Datasheet HTML 4Page - STMicroelectronics 74VHC14 Datasheet HTML 5Page - STMicroelectronics 74VHC14 Datasheet HTML 6Page - STMicroelectronics 74VHC14 Datasheet HTML 7Page - STMicroelectronics 74VHC14 Datasheet HTML 8Page - STMicroelectronics 74VHC14 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
74VHC14
2/11
Figure 2: Input Equivalent Circuit
Table 2: Pin Description
Table 3: Truth Table
Table 4: Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
Table 5: Recommended Operating Conditions
PIN N°
SYMBOL
NAME AND FUNCTION
1, 3, 5, 9, 11,
13
1A to 6A
Data Inputs
2, 4, 6, 8, 10,
12
1Y to 6Y
Data Outputs
7
GND
Ground (0V)
14
VCC
Positive Supply Voltage
AY
LH
HL
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7.0
V
VI
DC Input Voltage
-0.5 to +7.0
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
- 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 25
mA
ICC or IGND DC VCC or Ground Current
± 50
mA
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2 to 5.5
V
VI
Input Voltage
0 to 5.5
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com