Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHC14 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74VHC14
Description  HEX SCHMITT INVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC14 Datasheet(HTML) 1 Page - STMicroelectronics

  74VHC14 Datasheet HTML 1Page - STMicroelectronics 74VHC14 Datasheet HTML 2Page - STMicroelectronics 74VHC14 Datasheet HTML 3Page - STMicroelectronics 74VHC14 Datasheet HTML 4Page - STMicroelectronics 74VHC14 Datasheet HTML 5Page - STMicroelectronics 74VHC14 Datasheet HTML 6Page - STMicroelectronics 74VHC14 Datasheet HTML 7Page - STMicroelectronics 74VHC14 Datasheet HTML 8Page - STMicroelectronics 74VHC14 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
November 2004
s
HIGH SPEED: tPD = 5.5ns (TYP.) at VCC = 5V
s
LOW POWER DISSIPATION:
ICC = 2 µA (MAX.) at TA=25°C
s
TYPICAL HYSTERESIS: Vh = 1V
at VCC = 4.5V
s
POWER DOWN PROTECTION ON INPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 8 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 14
s
IMPROVED LATCH-UP IMMUNITY
s
LOW NOISE: VOLP = 0.8V (MAX.)
DESCRIPTION
The 74VHC14 is an advanced high-speed CMOS
HEX
SCHMITT
INVERTER
fabricated
with
sub-micron silicon gate and double-layer metal
wiring C2MOS technology.
The internal circuit is composed of 3 stages
including buffer output, which enables high noise
immunity and stable output.
Power down protection is provided on all inputs
and 0 to 7V can be accepted on inputs with no
regard to the supply voltage. This device can be
used to interface 5V to 3V.
Pin configuration and function are the same as
those of the 74VHC04 but the 74VHC14 has
hysteresis.
This together with its schmitt trigger function
allows it to be used on line receivers with slow
rise/fall input signals.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74VHC14
HEX SCHMITT INVERTER
Figure 1: Pin Connection And IEC Logic Symbols
Table 1: Order Codes
PACKAGE
T & R
SOP
74VHC14MTR
TSSOP
74VHC14TTR
TSSOP
SOP
Rev. 6


Similar Part No. - 74VHC14

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC14 FAIRCHILD-74VHC14 Datasheet
75Kb / 8P
Hex Schmitt Inverter
logo
National Semiconductor ...
74VHC14 NSC-74VHC14 Datasheet
138Kb / 6P
Hex Schmitt Inverter
logo
Fairchild Semiconductor
74VHC14 FAIRCHILD-74VHC14 Datasheet
78Kb / 6P
Hex Schmitt Inverter
logo
STMicroelectronics
74VHC14 STMICROELECTRONICS-74VHC14 Datasheet
244Kb / 15P
HEX SCHMITT inverter
03-May-2007
logo
ON Semiconductor
74VHC14 ONSEMI-74VHC14 Datasheet
905Kb / 5P
Hex Schmitt Inverter
August-2017, Rev. 2
More results

Similar Description - 74VHC14

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Toshiba Semiconductor
TC74LVX14F TOSHIBA-TC74LVX14F Datasheet
242Kb / 7P
HEX SCHMITT INVERTER
TC74VHCT14AF TOSHIBA-TC74VHCT14AF Datasheet
211Kb / 5P
HEX SCHMITT INVERTER
logo
STMicroelectronics
74AC14 STMICROELECTRONICS-74AC14 Datasheet
174Kb / 7P
HEX SCHMITT INVERTER
Mar-1998
logo
ON Semiconductor
MC74VHC14 ONSEMI-MC74VHC14 Datasheet
83Kb / 7P
Hex Schmitt Inverter
February, 2006 ??Rev. 9
logo
Toshiba Semiconductor
TC74VHC14F TOSHIBA-TC74VHC14F_07 Datasheet
255Kb / 9P
Hex Schmitt Inverter
logo
STMicroelectronics
74ACT14 STMICROELECTRONICS-74ACT14_01 Datasheet
178Kb / 8P
HEX SCHMITT INVERTER
Apr-2001
M74HC14 STMICROELECTRONICS-M74HC14_08 Datasheet
320Kb / 14P
Hex Schmitt inverter
23-May-2008
logo
ON Semiconductor
MC74VHC14 ONSEMI-MC74VHC14_11 Datasheet
124Kb / 7P
Hex Schmitt Inverter
May, 2011 ??Rev. 10
74VHCT14A ONSEMI-74VHCT14A Datasheet
223Kb / 8P
Hex Schmitt Inverter
December 2007 Rev. 1.5.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com