Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75LBC031D Datasheet (PDF) - Texas Instruments

SN75LBC031D Datasheet PDF - Texas Instruments
Part # SN75LBC031D
Download  SN75LBC031D Download
File Size   471.59 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS

SN75LBC031D Datasheet (PDF)

Go To PDF Page Download Datasheet
SN75LBC031D Datasheet PDF - Texas Instruments

Part # SN75LBC031D
Download  SN75LBC031D Click to download

File Size   471.59 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS

SN75LBC031D Datasheet (HTML) - Texas Instruments


SN75LBC031D Product details

SN75LBC031 Meets Standard ISO/DIS
11898 (up to 500 k Baud)
Driver Output Capability at 50 mA
Wide Positive and Negative Input/output
Bus Voltage Range
Bus Outputs Short-Circuit-Protected to
Battery Voltage and Ground
Thermal Shutdown
Available in Q-Temp Automotive
– HighRel Automotive Applications
– Configuration Control/Print Support
– Qualification to Automotive Standards

description
The SN75LBC031 is a CAN transceiver used as
an interface between a CAN controller and the
physical bus for high speed applications of up to
500 kBaud. The device provides transmit
capability to the differential bus and differential
receive capability to the controller. The transmitter
outputs (CANH and CANL), feature internal
transition regulation to provide controlled
symmetry resulting in low EMI emissions. Both
transmitter outputs are fully protected against battery short circuits and electrical transients that can occur on
the bus lines. In the event of excessive device power dissipation the output drivers are disabled by the thermal
shutdown circuitry at a junction temperature of approximately 160°C. The inclusion of an internal pullup resistor
on the transmitter input ensures a defined output during power up and protocol controller reset. For normal
operation at 500 kBaud the ASC terminal is open or tied to GND. For slower speed operation at 125 kBaud the
bus output transition times can be increased to reduce EMI by connecting the ASC terminal to VCC. The receiver
includes an integrated filter that suppresses the signal into pulses less than 30 ns wide.
The SN75LBC031 is characterized for operation from –40°C to 85°C. The SN65LBC031 is characterized for
operation from –40°C to 125°C. The SN65LBC031Q is characterized for operation over the automotive
temperature range of –40°C to 125°C.




Similar Part No. - SN75LBC031D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC031D TI1-SN75LBC031D Datasheet
825Kb / 17P
HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
SN75LBC031D TI1-SN75LBC031D Datasheet
831Kb / 17P
HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
SN75LBC031D TI1-SN75LBC031D Datasheet
502Kb / 19P
HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
APRIL 2000
SN75LBC031DR TI1-SN75LBC031DR Datasheet
825Kb / 17P
HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
SN75LBC031DR TI1-SN75LBC031DR Datasheet
831Kb / 17P
HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
More results


Similar Description - SN75LBC031D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9225 OKI-MSM9225 Datasheet
488Kb / 74P
CAN (Controller Area Network) Controller
logo
Texas Instruments
SN65LBC031Q TI-SN65LBC031Q Datasheet
141Kb / 10P
HIGH-SPEED CONTROLLER AREA NETWORK CAN TRANSCEIVERS
SN65LBC031 TI-SN65LBC031 Datasheet
152Kb / 11P
HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
logo
OKI electronic componet...
MSM9225B OKI-MSM9225B Datasheet
116Kb / 16P
CAN (Controller Area Network) Controller
logo
Intel Corporation
AN82526 INTEL-AN82526 Datasheet
255Kb / 9P
controller area network chip
logo
National Instruments Co...
777357-01 NI-777357-01 Datasheet
520Kb / 6P
Controller Area Network (CAN) Interfaces
logo
Intel Corporation
AN82527F8 INTEL-AN82527F8 Datasheet
242Kb / 22P
SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
logo
Texas Instruments
SN75LBC031D TI1-SN75LBC031D Datasheet
825Kb / 17P
HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
SN65LBC031 TI1-SN65LBC031_14 Datasheet
831Kb / 17P
HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
logo
Advantech Co., Ltd.
ULI-238TS ADVANTECH-ULI-238TS Datasheet
419Kb / 1P
CAN (Control Area Network) Optical Isolator
18-Jan-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com