Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0802995 Datasheet (PDF) - PHOENIX CONTACT

0802995 Datasheet PDF - PHOENIX CONTACT
Part # 0802995
Download  0802995 Download
File Size   190.58 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description WMTB HF (40X12)R DBU CUS - Cable marker

0802995 Datasheet (PDF)

Go To PDF Page Download Datasheet
0802995 Datasheet PDF - PHOENIX CONTACT

Part # 0802995
Download  0802995 Click to download

File Size   190.58 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description WMTB HF (40X12)R DBU CUS - Cable marker

0802995 Datasheet (HTML) - PHOENIX CONTACT


0802995 Product details

Cable marker, Roll, can be ordered: by line, dark blue, labeled according to customer
specifications, mounting type: Assembly with cable ties, cable diameter: ≥ 6 mm, Number of
individual labels: 1, text field height: 12 mm, text field width: 40 mm




Similar Part No. - 0802995

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0802990 PHOENIX-0802990 Datasheet
186Kb / 4P
TM-RIBBON 110-WMTB HF WH - Ink ribbon
0802991 PHOENIX-0802991 Datasheet
191Kb / 6P
WMTB HF (40X12)R DBU - Cable marker
0802992 PHOENIX-0802992 Datasheet
191Kb / 6P
WMTB HF (55X15)R DBU - Cable marker
0802993 PHOENIX-0802993 Datasheet
190Kb / 6P
WMTB HF (55X25)R DBU - Cable marker
0802996 PHOENIX-0802996 Datasheet
190Kb / 6P
WMTB HF (55X15)R DBU CUS - Cable marker
More results


Similar Description - 0802995

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824488 PHOENIX-0824488 Datasheet
58Kb / 4P
Marker for terminal blocks - TMT 6 R CUS
0828491 PHOENIX-0828491 Datasheet
50Kb / 3P
Marker cards - SBS10 CUS
0824443 PHOENIX-0824443 Datasheet
54Kb / 2P
Cable marker - PABA WH/10 CUS
09/11/2020
0824444 PHOENIX-0824444 Datasheet
54Kb / 2P
Cable marker - PABA WH/15 CUS
09/11/2020
1014093 PHOENIX-1014093 Datasheet
57Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE CUS
09/11/2020
0828376 PHOENIX-0828376 Datasheet
60Kb / 4P
Cable marker - UC-WMTB (44X15)
09/11/2020
0828381 PHOENIX-0828381 Datasheet
61Kb / 4P
Cable marker - UC-WMTB (44X15) BU
09/11/2020
0830524 PHOENIX-0830524 Datasheet
57Kb / 3P
Cable marker - WMTB-AL (40X15)
09/11/2020
0830525 PHOENIX-0830525 Datasheet
56Kb / 3P
Cable marker - WMTB-AL (60X15)
09/11/2020
0830805 PHOENIX-0830805 Datasheet
57Kb / 3P
Cable marker - WMTB-AL (29X8)
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com