Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0802995 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0802995
Description  WMTB HF (40X12)R DBU CUS - Cable marker
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0802995 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0802995 Datasheet HTML 1Page - PHOENIX CONTACT 0802995 Datasheet HTML 2Page - PHOENIX CONTACT 0802995 Datasheet HTML 3Page - PHOENIX CONTACT 0802995 Datasheet HTML 4Page - PHOENIX CONTACT 0802995 Datasheet HTML 5Page - PHOENIX CONTACT 0802995 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical data
Product properties
Product type
Labeled conductor marker
Type
Roll
Marking
Number of individual labels
1
Number of individual labels per row
1
Identification technology
Thermal transfer for rolls
Mounting
Mounting type
Assembly with cable ties
Material specifications
RoHS compliant
yes
Color
blue (RAL 5015)
Material
PUR
Flammability rating according to UL 94
V2 (0,75 mm Wandstärke)
Components
halogen-free
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Scratch test for the determining scratch resistance
Specification
DIN EN ISO 1518-1:2019-10 (following)
Requirements
≥ 5 N
Result
Test passed
Tesafilm test
Specification
DIN EN ISO 2409:2013 (following)
Result
Test passed
UV resistance
Specification
ISO 4892-2:2013-03 (following)
Result
Test passed
Test duration
96 h
Temperature resistance
Specification
ANSI/UL 969-2018:03 (following)
Test duration
240 h
Rating 125 °C (150 °C)
Test passed
Wipe resistance of inscriptions
DIN EN 61010-1 (VDE 0411-1):2011-07
Specification
WMTB HF (40X12)R DBU CUS - Cable marker
0802995
https://www.phoenixcontact.com/us/products/0802995
Jul 15, 2025, 6:44AM
Page 2 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com