Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0802995 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0802995
Description  WMTB HF (40X12)R DBU CUS - Cable marker
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0802995 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0802995 Datasheet HTML 1Page - PHOENIX CONTACT 0802995 Datasheet HTML 2Page - PHOENIX CONTACT 0802995 Datasheet HTML 3Page - PHOENIX CONTACT 0802995 Datasheet HTML 4Page - PHOENIX CONTACT 0802995 Datasheet HTML 5Page - PHOENIX CONTACT 0802995 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Cable marker, Roll, can be ordered: by line, dark blue, labeled according to customer
specifications, mounting type: Assembly with cable ties, cable diameter: ≥ 6 mm, Number of
individual labels: 1, text field height: 12 mm, text field width: 40 mm
Your advantages
The WMTB HF ... conductor and cable marking is used for the identification and bundling conductors and cables indoors and outdoors
•
When combined with the right ink ribbon, the marking is highly resistant to solvents and mechanical influences
•
The markers are made of a halogen-free material
•
The highly flexible material adapts to the conductors and cables
•
The marker has two fastening eyes so that it can be attached to the conductor by means of WT .... cable binders
•
Commercial data
Item number
0802995
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8131
GTIN
4046356891066
Weight per piece (including packing)
1.99 g
Weight per piece (excluding packing)
1.99 g
Country of origin
PL
WMTB HF (40X12)R DBU CUS - Cable marker
0802995
https://www.phoenixcontact.com/us/products/0802995
Jul 15, 2025, 6:44AM
Page 1 (6)


Similar Part No. - 0802995

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0802990 PHOENIX-0802990 Datasheet
186Kb / 4P
TM-RIBBON 110-WMTB HF WH - Ink ribbon
0802991 PHOENIX-0802991 Datasheet
191Kb / 6P
WMTB HF (40X12)R DBU - Cable marker
0802992 PHOENIX-0802992 Datasheet
191Kb / 6P
WMTB HF (55X15)R DBU - Cable marker
0802993 PHOENIX-0802993 Datasheet
190Kb / 6P
WMTB HF (55X25)R DBU - Cable marker
0802996 PHOENIX-0802996 Datasheet
190Kb / 6P
WMTB HF (55X15)R DBU CUS - Cable marker
More results

Similar Description - 0802995

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824488 PHOENIX-0824488 Datasheet
58Kb / 4P
Marker for terminal blocks - TMT 6 R CUS
0828491 PHOENIX-0828491 Datasheet
50Kb / 3P
Marker cards - SBS10 CUS
0824443 PHOENIX-0824443 Datasheet
54Kb / 2P
Cable marker - PABA WH/10 CUS
09/11/2020
0824444 PHOENIX-0824444 Datasheet
54Kb / 2P
Cable marker - PABA WH/15 CUS
09/11/2020
1014093 PHOENIX-1014093 Datasheet
57Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE CUS
09/11/2020
0828376 PHOENIX-0828376 Datasheet
60Kb / 4P
Cable marker - UC-WMTB (44X15)
09/11/2020
0828381 PHOENIX-0828381 Datasheet
61Kb / 4P
Cable marker - UC-WMTB (44X15) BU
09/11/2020
0830524 PHOENIX-0830524 Datasheet
57Kb / 3P
Cable marker - WMTB-AL (40X15)
09/11/2020
0830525 PHOENIX-0830525 Datasheet
56Kb / 3P
Cable marker - WMTB-AL (60X15)
09/11/2020
0830805 PHOENIX-0830805 Datasheet
57Kb / 3P
Cable marker - WMTB-AL (29X8)
09/11/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com