Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X25097 Datasheet (PDF) - IC MICROSYSTEMS

X25097 Datasheet PDF - IC MICROSYSTEMS
Part # X25097
Download  X25097 Download
File Size   123.19 Kbytes
Page   15 Pages
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS
Description 5MHz Low Power SPI Serial E2PROM with IDLockTM Memory

X25097 Datasheet (PDF)

Go To PDF Page Download Datasheet
X25097 Datasheet PDF - IC MICROSYSTEMS

Part # X25097
Download  X25097 Click to download

File Size   123.19 Kbytes
Page   15 Pages
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS
Description 5MHz Low Power SPI Serial E2PROM with IDLockTM Memory

X25097 Datasheet (HTML) - IC MICROSYSTEMS


X25097 Product details

DESCRIPTION
The X25097 is a CMOS 8K-bit serial E2PROM, internally organized as 1024 x 8. The X25097 features a Serial Peripheral Interface (SPI) and software protocol allowing operation on a simple four-wire bus. The bus

FEATURES
• 5MHz Clock Rate
• IDLock™ Memory
    —IDLock First or Last Page, any 1/4 or Lower 1/2 of E2PROM Array
• Low Power CMOS
    —<1µA Standby Current
    —<3mA Active Current during Write
    —<400µA Active Current during Read
• 1.8V to 3.6V, 2.7V-5.5V or 4.5V to 5.5V Operation
• Built-in Inadvertent Write Protection
    —Power-Up/Power-Down Protection Circuitry
    —Write Enable Latch
    —Write Protect Pin
• SPI Modes (0,0 & 1,1)
• 1024 x 8 Bits
    —16 Byte Page Mode
• Self-Timed Write Cycle
    —5ms Write Cycle Time (Typical)
• High Reliability
    —Endurance: 100,000 Cycles/Byte
    —Data Retention: 100 Years
    —ESD: 2000V on all pins
• 8-Lead TSSOP Package
• 8-Lead SOIC Package
• 8-Lead PDIP Package




Similar Part No. - X25097

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25097 XICOR-X25097 Datasheet
71Kb / 15P
5MHz Low Power SPI Serial E 2 PROM with IDLock TM Memory
X25097P XICOR-X25097P Datasheet
71Kb / 15P
5MHz Low Power SPI Serial E 2 PROM with IDLock TM Memory
X25097P-1.8 XICOR-X25097P-1.8 Datasheet
71Kb / 15P
5MHz Low Power SPI Serial E 2 PROM with IDLock TM Memory
X25097P-2.7 XICOR-X25097P-2.7 Datasheet
71Kb / 15P
5MHz Low Power SPI Serial E 2 PROM with IDLock TM Memory
X25097PI XICOR-X25097PI Datasheet
71Kb / 15P
5MHz Low Power SPI Serial E 2 PROM with IDLock TM Memory
More results


Similar Description - X25097

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25057 XICOR-X25057 Datasheet
74Kb / 16P
5MHz Low Power SPI Serial E 2 PROM with IDLock??Memory
X25097 XICOR-X25097 Datasheet
71Kb / 15P
5MHz Low Power SPI Serial E 2 PROM with IDLock TM Memory
X25138 XICOR-X25138 Datasheet
88Kb / 18P
5MHz SPI Serial E2PROM with Block Lock PROTECTION
logo
IC MICROSYSTEMS
X25057 ICMIC-X25057 Datasheet
336Kb / 16P
5MHz Low Power SPI Serial E2PROM with IDLock??Memory
X25650 ICMIC-X25650 Datasheet
134Kb / 14P
5MHz SPI Serial E2PROM with Block Lock Protection
logo
ABLIC Inc.
S-25C010A ABLIC-S-25C010A Datasheet
703Kb / 48P
SPI SERIAL E2PROM
Rev.4.3_02_C
S-25CM01A ABLIC-S-25CM01A Datasheet
397Kb / 28P
SPI SERIAL E2PROM
Rev.2.2_03_S
S-25C320A ABLIC-S-25C320A Datasheet
588Kb / 39P
SPI SERIAL E2PROM
Rev.4.2_03_H
S-25C256A ABLIC-S-25C256A Datasheet
449Kb / 31P
SPI SERIAL E2PROM
Rev.2.2_03_S
S-25C128A ABLIC-S-25C128A Datasheet
448Kb / 31P
SPI SERIAL E2PROM
Rev.4.2_03_H
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com