Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X25057 Datasheet (PDF) - Xicor Inc.

X25057 Datasheet PDF - Xicor Inc.
Part # X25057
Download  X25057 Download
File Size   74.38 Kbytes
Page   16 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description 5MHz Low Power SPI Serial E 2 PROM with IDLock??Memory

X25057 Datasheet (PDF)

Go To PDF Page Download Datasheet
X25057 Datasheet PDF - Xicor Inc.

Part # X25057
Download  X25057 Click to download

File Size   74.38 Kbytes
Page   16 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description 5MHz Low Power SPI Serial E 2 PROM with IDLock??Memory

X25057 Datasheet (HTML) - Xicor Inc.


X25057 Product details

DESCRIPTION
The X25057 is a CMOS 4K-bit serial E2PROM, internally organized as 512 x 8. The X25057 features a Serial Peripheral Interface (SPI) and software protocol allowing operation on a simple four-wire bus. The bus signals are a clock input (SCK) plus separate data in (SI) and data out (SO) lines. Access to the device is controlled through a chip select (CS) input, allowing any number of devices to share the same bus.

FEATURES
• 5MHz Clock Rate
• IDLock™ Memory
    —IDLock First or Last Page, Any 1/4 or Lower 1/2 of E2PROM Array
• Low Power CMOS
    —<1µA Standby Current
    —<3mA Active Current during Write
    —<400µA Active Current during Read
• 1.8V to 3.6V, 2.7V-5.5V or 4.5V to 5.5V Operation
• Built-in Inadvertent Write Protection
    —Power-Up/Power-Down Protection Circuitry
    —Write Enable Latch
    —Write Protect Pin
• SPI Modes (0,0 & 1,1)
• 512 x 8 Bits
    —16 Byte Page Mode
• Self-Timed Write Cycle
    —5ms Write Cycle Time (Typical)
• High Reliability
    —Endurance: 100,000 Cycles/Byte
    —Data Retention: 100 Years
    —ESD: 2000V on all pins
• 8-Lead MSOP Package
• 8-Lead TSSOP Package
• 8-Lead SOIC Package
• 8-Lead PDIP Package




Similar Part No. - X25057

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X25057 ICMIC-X25057 Datasheet
336Kb / 16P
5MHz Low Power SPI Serial E2PROM with IDLock??Memory
X25057M-1.8 ICMIC-X25057M-1.8 Datasheet
336Kb / 16P
5MHz Low Power SPI Serial E2PROM with IDLock??Memory
X25057M-2.7 ICMIC-X25057M-2.7 Datasheet
336Kb / 16P
5MHz Low Power SPI Serial E2PROM with IDLock??Memory
X25057MG-1.8 ICMIC-X25057MG-1.8 Datasheet
336Kb / 16P
5MHz Low Power SPI Serial E2PROM with IDLock??Memory
X25057MG-2.7 ICMIC-X25057MG-2.7 Datasheet
336Kb / 16P
5MHz Low Power SPI Serial E2PROM with IDLock??Memory
More results


Similar Description - X25057

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25097 XICOR-X25097 Datasheet
71Kb / 15P
5MHz Low Power SPI Serial E 2 PROM with IDLock TM Memory
X25128 XICOR-X25128 Datasheet
77Kb / 15P
SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25650 XICOR-X25650 Datasheet
77Kb / 14P
5MHz SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25170 ICMIC-X25170 Datasheet
131Kb / 15P
SPI Serial E 2 PROM with Block Lock ??Protection
X25057 ICMIC-X25057 Datasheet
336Kb / 16P
5MHz Low Power SPI Serial E2PROM with IDLock??Memory
X25097 ICMIC-X25097 Datasheet
123Kb / 15P
5MHz Low Power SPI Serial E2PROM with IDLockTM Memory
X25330 ICMIC-X25330 Datasheet
131Kb / 14P
5MHz SPI Serial E2 PROM with Block Lock Protection
X25256 ICMIC-X25256 Datasheet
488Kb / 17P
5MHz SPI Serial E 2 PROM with Block Lock ??Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com