Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS8135PHP Datasheet (PDF) - Texas Instruments

THS8135PHP Datasheet PDF - Texas Instruments
Part # THS8135PHP
Download  THS8135PHP Download
File Size   748.73 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-BIT 240-MSPS VIDEO DAC WITH TRI-LEVEL SYNC AND VIDEO (ITU-R.BT601)-COMPLIANT FULL-SCALE RANGE

THS8135PHP Datasheet (PDF)

Go To PDF Page Download Datasheet
THS8135PHP Datasheet PDF - Texas Instruments

Part # THS8135PHP
Download  THS8135PHP Click to download

File Size   748.73 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-BIT 240-MSPS VIDEO DAC WITH TRI-LEVEL SYNC AND VIDEO (ITU-R.BT601)-COMPLIANT FULL-SCALE RANGE

THS8135PHP Datasheet (HTML) - Texas Instruments


THS8135PHP Product details

1FEATURES
2• Triple 10-Bit D/A Converters
• 240-MSPS Operation
• YPbPr/RGB Configurable Blanking Levels,
Correctly Positioned for Either Full (0-1023) or
Video (ITU-R.BT601) Compliant Input Code
Ranges
• Generic Triple DAC Mode for Non-Video
Applications
• Direct Drive of Double-Terminated 75-Ω Load
Into Standard Video Levels
• 3x10 Bit 4:4:4, 2x10 Bit 4:2:2 or 1x10 Bit 4:2:2
(ITU-R.BT656) Multiplexed YCbCr/GBR Input
Data Formats
• Bi-Level (EIA) or Tri-Level (SMPTE) Sync
Generation
• Integrated Sync-On-Green/Luminance or Sync-
On-All Composite Sync Insertion
• Internal Voltage Reference
• Low-Power Operation From 3.3-V Analog and
1.8-V Digital Suply Levels

APPLICATIONS
• High-Definition Television (HDTV) Set-Top
Boxes/Receivers/Displays
• High-Resolution Image Processing

DESCRIPTION
The THS8135 is a general-purpose triple high-speed D/A converter optimized for use in video/graphics
applications. The device operates from 3.3-V analog and 1.8-V digital supplies. The THS8135 performance is
assured at a sampling rate up to 240 MSPS. The THS8135 consists of three 10-bit D/A converters and additional
circuitry for bi-level/tri-level sync and blanking level generation. By providing a dc offset for the lowest video
amplitude output in video DAC mode, the device can insert a (negative) bi-level or (negative/positive) tri-level
sync on either only the green/luminance (sync-on-green/sync-on-Y) channel or on all channels for video
applications. A generic DAC mode avoids this dc offset, making this device suitable for non-video applications as
well.
The THS8135 is a footprint-compatible functional upgrade to the THS8133. In addition, the THS8135 allows a
higher update rate for oversampled video digitizing for all PC graphics formats up to UXGA (1600x1200)
resolution at 85 Hz and all practical digital TV formats including HDTV. The support for oversampling significantly
reduces the complexity of the analog reconstruction filter required behind the DAC.
Standard video levels can be generated for the full 10-bit input code range. Alternatively, the same levels can be
reached from a reduced input code range compliant to the video sampling standard ITU-R.BT-601. In that case,
the full-scale range of the DAC is dependent on the RGB or YCbCr color space configuration of the device.
When configured for RGB operation, full video output swing is reached for input codes 64-940 on all channels.
When configured for YCbCr operation, code range 64-940 on Y and code range 64-960 on Cb and Cr channels
generate full output swing using internal amplitude scaling on these color components. The device provides
headroom to accommodate under-/over-shoot outside the ITU-R.BT601 range to allow the generation of ITUR.
BT601 illegal colors or super-black / super-white levels.
A digital control input for insertion of a reference (blanking) level on the analog outputs is included. The
amplitude of the blanking level is configurable for either RGB or YPbPr component outputs and for full or reduced
input code ranges. The inserted sync output amplitude(s) always has the required 7:3 ratio to the full-scale video
amplitude.
The current-steering DACs can be directly terminated in resistive loads to produce voltage outputs. The device
provides a flexible configuration of maximum output current drive. The devices output drivers have been
specifically designed to produce standard video output levels when directly connected to a single-ended doubleterminated
75-Ω coaxial cable.
The input data format can be either 3x10 bit 4:4:4, 2x10 bit 4:2:2, or 1x10 bit 4:2:2. This enables a direct
interface to a wide range of video DSP/ASICs including parts generating ITU-R.BT656 formatted output data.
However, the THS8135 needs specific input synchronization signals to properly insert a composite sync onto its
outputs as it does not extract embedded SAV/EAV synchronization codes from the ITU-R.BT656 input. Along
with other extra functionality, this feature is available on a derivative device (THS8200).




Similar Part No. - THS8135PHP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS8135PHP TI-THS8135PHP Datasheet
342Kb / 23P
TRIPLE 10-BIT, 240 MSPS VIDEO DAC WITH TRI-LEVEL SYNC AND VIDEO (ITU-R.BT601) COMPLIANT FULL SCALE RANGE
THS8135PHPG4 TI-THS8135PHPG4 Datasheet
342Kb / 23P
TRIPLE 10-BIT, 240 MSPS VIDEO DAC WITH TRI-LEVEL SYNC AND VIDEO (ITU-R.BT601) COMPLIANT FULL SCALE RANGE
More results


Similar Description - THS8135PHP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS8133 TI-THS8133 Datasheet
339Kb / 23P
TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
THS8134 TI-THS8134 Datasheet
346Kb / 24P
TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
logo
Analog Devices
ADV7127 AD-ADV7127 Datasheet
307Kb / 16P
CMOS, 240 MHz 10-Bit High Speed Video DAC
REV.0
ADV7190 AD-ADV7190 Datasheet
628Kb / 69P
Video Encoder with Six 10-Bit DACs and Video Encoder with Six DAC Outputs
REV.0
logo
Texas Instruments
THS8135 TI-THS8135 Datasheet
342Kb / 23P
TRIPLE 10-BIT, 240 MSPS VIDEO DAC WITH TRI-LEVEL SYNC AND VIDEO (ITU-R.BT601) COMPLIANT FULL SCALE RANGE
THS8133 TI-THS8133_07 Datasheet
630Kb / 25P
TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION WITH TRI-LEVEL SYNC GENERATION
THS8136 TI-THS8136 Datasheet
480Kb / 17P
TRIPLE 10-BIT 180-MSPS GRAPHICS AND VIDEO DAC
logo
Analog Devices
ADV7127KRUZ50 AD-ADV7127KRUZ50 Datasheet
311Kb / 16P
CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
ADV7127KRUZ140 AD-ADV7127KRUZ140 Datasheet
225Kb / 16P
CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
ADV7127 AD-ADV7127_15 Datasheet
311Kb / 16P
CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com