Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7127 Datasheet (PDF) - Analog Devices

ADV7127 Datasheet PDF - Analog Devices
Part # ADV7127
Download  ADV7127 Download
File Size   307.27 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS, 240 MHz 10-Bit High Speed Video DAC

ADV7127 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7127 Datasheet PDF - Analog Devices

Part # ADV7127
Download  ADV7127 Click to download

File Size   307.27 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS, 240 MHz 10-Bit High Speed Video DAC

ADV7127 Datasheet (HTML) - Analog Devices


ADV7127 Product details

GENERAL DESCRIPTION

The ADV7127 (ADV®) is a high speed, digital-to-analog convertor on a single monolithic chip. It consists of a 10-bit, video D/A converter with on-board voltage reference, comple mentary outputs, a standard TTL input interface and high impedance analog output current sources.

The ADV7127 has a 10-bit wide input port. A single +5 V/+3.3 V power supply and clock are all that are required to make the part functional.

The ADV7127 is fabricated in a CMOS process. Its monolithic CMOS construction ensures greater functionality with lower power dissipation. The ADV7127 is available in a small outline 28-lead SOIC or 24-lead TSSOP package.

The ADV7127 TSSOP package also has a power-down mode. Both ADV7127 packages have a power standby mode. The ADV7127 TSSOP package has an on-board voltage reference circuit. The ADV7127 SOIC package requires an external reference.



FEATURES

  240 MSPS Throughput Rate

  10-Bit D/A Converters

  SFDR

     –70 dB typ: fCLK = 50 MHz; fOUT = 1 MHz

     –53 dB typ: fCLK = 140 MHz; fOUT = 40 MHz

  RS-343A/RS-170 Compatible Output

  Complementary Outputs

  DAC Output Current Range: 2 mA to 26 mA

  TTL Compatible Inputs

  Internal Voltage Reference (1.23 V) on TSSOP Package

  Single Supply +5 V/+3.3 V Operation

  28-Lead SOIC Package and 24-Lead TSSOP Package

  Low Power Dissipation (30 mW min @ 3 V)

  Low Power Standby Mode (10 mW min @ 3 V)

  Power-Down Mode (60 mW min @ 3 V)

  Power-Down Mode Available on TSSOP Package

  Industrial Temperature Range (–408C to +858C)



APPLICATIONS

  Digital Video Systems (1600 3 1200 @ 100 Hz)

  High Resolution Color Graphics

  Digital Radio Modulation

  Image Processing

  Instrumentation

  Video Signal Reconstruction

  Direct Digital Synthesis (DDS)

  Wireless LAN



 




Similar Part No. - ADV7127

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7127 AD-ADV7127 Datasheet
225Kb / 16P
CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
ADV7127 AD-ADV7127 Datasheet
375Kb / 18P
10-Bit, High Speed Video DAC
1/2017-Rev. 0 to Rev. A
ADV7127 AD-ADV7127 Datasheet
311Kb / 16P
CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
ADV7127JR240 AD-ADV7127JR240 Datasheet
311Kb / 16P
CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
ADV7127JRU240 AD-ADV7127JRU240 Datasheet
311Kb / 16P
CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
More results


Similar Description - ADV7127

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7123 AD-ADV7123 Datasheet
342Kb / 20P
CMOS, 240 MHz Triple 10-Bit High Speed Video DAC
10/02-Data Sheet changed from REV. A to REV. B.
ADV7128 AD-ADV7128 Datasheet
135Kb / 8P
CMOS 80 MHz, 10-Bit Video DAC
REV.0
ADV7123KSTZ140 AD-ADV7123KSTZ140 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ50 AD-ADV7123KSTZ50 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7123JSTZ330 AD-ADV7123JSTZ330 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7127KRUZ50 AD-ADV7127KRUZ50 Datasheet
311Kb / 16P
CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
ADV7127KRUZ140 AD-ADV7127KRUZ140 Datasheet
225Kb / 16P
CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
ADV7123-EP AD-ADV7123-EP Datasheet
177Kb / 12P
CMOS, 170 MHz, Triple, 10-Bit High Speed Video DAC
REV. 0
ADV7123 AD-ADV7123_15 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7127 AD-ADV7127_15 Datasheet
311Kb / 16P
CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com