Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7123 Datasheet (PDF) - Analog Devices

ADV7123 Datasheet PDF - Analog Devices
Part # ADV7123
Download  ADV7123 Download
File Size   342.89 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS, 240 MHz Triple 10-Bit High Speed Video DAC

ADV7123 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7123 Datasheet PDF - Analog Devices

Part # ADV7123
Download  ADV7123 Click to download

File Size   342.89 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS, 240 MHz Triple 10-Bit High Speed Video DAC

ADV7123 Datasheet (HTML) - Analog Devices


ADV7123 Product details

GENERAL DESCRIPTION
The ADV7123 (ADV®) is a triple high speed, digital-to-analog converter on a single monolithic chip. It consists of three high speed, 10-bit, video DACs with complementary outputs, a standard TTL input interface, and a high impedance, analog output current source.

FEATURES
    330 MSPS throughput rate
    Triple 10-bit digital-to-analog converters (DACs)
    SFDR
        −70 dB at fCLK = 50 MHz; fOUT = 1 MHz
        −53 dB at fCLK = 140 MHz; fOUT = 40 MHz
    RS-343A-/RS-170-compatible output
    Complementary outputs
    DAC output current range: 2.0 mA to 26.5 mA
    TTL-compatible inputs
    Internal reference (1.235 V)
    Single-supply 5 V/3.3 V operation
    48-lead LQFP package
    Low power dissipation (30 mW minimum @ 3 V)
    Low power standby mode (6 mW typical @ 3 V)
    Industrial temperature range (−40°C to +85°C)
    Pb-free (lead-free) package

APPLICATIONS
    Digital video systems (1600 × 1200 @ 100 Hz)
    High resolution color graphics
    Digital radio modulation
    Image processing
    Instrumentation
    Video signal reconstruction




Similar Part No. - ADV7123

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7123-EP AD-ADV7123-EP Datasheet
177Kb / 12P
CMOS, 170 MHz, Triple, 10-Bit High Speed Video DAC
REV. 0
ADV7123JSTZ240 AD-ADV7123JSTZ240 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7123JSTZ240-RL AD-ADV7123JSTZ240-RL Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7123JSTZ330 AD-ADV7123JSTZ330 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7123KST140-RL AD-ADV7123KST140-RL Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
More results


Similar Description - ADV7123

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7127 AD-ADV7127 Datasheet
307Kb / 16P
CMOS, 240 MHz 10-Bit High Speed Video DAC
REV.0
ADV7125 AD-ADV7125_11 Datasheet
293Kb / 16P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
ADV7123KSTZ140 AD-ADV7123KSTZ140 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ50 AD-ADV7123KSTZ50 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7123JSTZ330 AD-ADV7123JSTZ330 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7127KRUZ50 AD-ADV7127KRUZ50 Datasheet
311Kb / 16P
CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
ADV7127KRUZ140 AD-ADV7127KRUZ140 Datasheet
225Kb / 16P
CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
ADV7123-EP AD-ADV7123-EP Datasheet
177Kb / 12P
CMOS, 170 MHz, Triple, 10-Bit High Speed Video DAC
REV. 0
ADV7123 AD-ADV7123_15 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7127 AD-ADV7127_15 Datasheet
311Kb / 16P
CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com