Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7123 Datasheet(PDF) 1 Page - Analog Devices

Part # ADV7123
Description  CMOS, 240 MHz Triple 10-Bit High Speed Video DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7123 Datasheet(HTML) 1 Page - Analog Devices

  ADV7123 Datasheet HTML 1Page - Analog Devices ADV7123 Datasheet HTML 2Page - Analog Devices ADV7123 Datasheet HTML 3Page - Analog Devices ADV7123 Datasheet HTML 4Page - Analog Devices ADV7123 Datasheet HTML 5Page - Analog Devices ADV7123 Datasheet HTML 6Page - Analog Devices ADV7123 Datasheet HTML 7Page - Analog Devices ADV7123 Datasheet HTML 8Page - Analog Devices ADV7123 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
ADV7123
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
CMOS, 330 MHz
Triple 10-Bit High Speed Video DAC
FUNCTIONAL BLOCK DIAGRAM
R9–R0
GND
RSET
IOR
IOR
COMP
ADV7123
VREF
VOLTAGE
REFERENCE
CIRCUIT
G9–G0
B9–B0
IOG
IOG
IOB
IOB
PSAVE
POWER-DOWN
MODE
BLANK
SYNC
CLOCK
VAA
DAC
10
DATA
REGISTER
10
DAC
10
DATA
REGISTER
10
DAC
10
DATA
REGISTER
10
BLANK AND
SYNC LOGIC
FEATURES
330 MSPS Throughput Rate
Triple 10-Bit D/A Converters
SFDR
–70 dB at fCLK = 50 MHz; fOUT = 1 MHz
–53 dB at fCLK = 140 MHz; fOUT = 40 MHz
RS-343A/RS-170 Compatible Output
Complementary Outputs
DAC Output Current Range 2 mA to 26 mA
TTL Compatible Inputs
Internal Reference (1.23 V)
Single-Supply 5 V/3.3 V Operation
48-Lead LQFP Package
Low Power Dissipation (30 mW Min @ 3 V)
Low Power Standby Mode (6 mW Typ @ 3 V)
Industrial Temperature Range (–40 C to +85 C)
APPLICATIONS
Digital Video Systems (1600
1200 @ 100 Hz)
High Resolution Color Graphics
Digital Radio Modulation
Image Processing
Instrumentation
Video Signal Reconstruction
GENERAL DESCRIPTION
The ADV7123 (ADV
®) is a triple high speed, digital-to-analog
converter on a single monolithic chip. It consists of three
high speed, 10-bit, video D/A converters with complementary
outputs, a standard TTL input interface, and a high impedance,
analog output current source.
The ADV7123 has three separate 10-bit-wide input ports. A
single 5 V/3.3 V power supply and clock are all that are required
to make the part functional. The ADV7123 has additional video
control signals, composite
SYNC and BLANK.
The ADV7123 also has a Power-Save Mode.
The ADV7123 is fabricated in a 5 V CMOS process. Its mono-
lithic CMOS construction ensures greater functionality with
lower power dissipation. The ADV7123 is available in a
48-lead LQFP package.
PRODUCT HIGHLIGHTS
1. 330 MSPS throughput
2. Guaranteed monotonic to 10 bits
3. Compatible with a wide variety of high resolution color
graphics systems, including RS-343A and RS-170
ADV is a registered trademark of Analog Devices, Inc.


Similar Part No. - ADV7123

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7123-EP AD-ADV7123-EP Datasheet
177Kb / 12P
CMOS, 170 MHz, Triple, 10-Bit High Speed Video DAC
REV. 0
ADV7123JSTZ240 AD-ADV7123JSTZ240 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7123JSTZ240-RL AD-ADV7123JSTZ240-RL Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7123JSTZ330 AD-ADV7123JSTZ330 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7123KST140-RL AD-ADV7123KST140-RL Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
More results

Similar Description - ADV7123

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7127 AD-ADV7127 Datasheet
307Kb / 16P
CMOS, 240 MHz 10-Bit High Speed Video DAC
REV.0
ADV7125 AD-ADV7125_11 Datasheet
293Kb / 16P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
ADV7123KSTZ140 AD-ADV7123KSTZ140 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ50 AD-ADV7123KSTZ50 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7123JSTZ330 AD-ADV7123JSTZ330 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7127KRUZ50 AD-ADV7127KRUZ50 Datasheet
311Kb / 16P
CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
ADV7127KRUZ140 AD-ADV7127KRUZ140 Datasheet
225Kb / 16P
CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
ADV7123-EP AD-ADV7123-EP Datasheet
177Kb / 12P
CMOS, 170 MHz, Triple, 10-Bit High Speed Video DAC
REV. 0
ADV7123 AD-ADV7123_15 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7127 AD-ADV7127_15 Datasheet
311Kb / 16P
CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com