Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7127 Datasheet(PDF) 1 Page - Analog Devices

Part # ADV7127
Description  CMOS, 240 MHz 10-Bit High Speed Video DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7127 Datasheet(HTML) 1 Page - Analog Devices

  ADV7127 Datasheet HTML 1Page - Analog Devices ADV7127 Datasheet HTML 2Page - Analog Devices ADV7127 Datasheet HTML 3Page - Analog Devices ADV7127 Datasheet HTML 4Page - Analog Devices ADV7127 Datasheet HTML 5Page - Analog Devices ADV7127 Datasheet HTML 6Page - Analog Devices ADV7127 Datasheet HTML 7Page - Analog Devices ADV7127 Datasheet HTML 8Page - Analog Devices ADV7127 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADV7127
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
CMOS, 240 MHz
10-Bit High Speed Video DAC
FUNCTIONAL BLOCK DIAGRAM
D9–D0
GND
RSET
IOUT
IOUT
COMP
ADV7127
VREF
VOLTAGE*
REFERENCE
CIRCUIT
PDOWN*
POWER–
DOWN
MODE
VAA
10
DAC
10
DATA
REGISTER
CLOCK
PSAVE
*ON TSSOP VERSION ONLY
FEATURES
240 MSPS Throughput Rate
10-Bit D/A Converters
SFDR
–70 dB typ: fCLK = 50 MHz; fOUT = 1 MHz
–53 dB typ: fCLK = 140 MHz; fOUT = 40 MHz
RS-343A/RS-170 Compatible Output
Complementary Outputs
DAC Output Current Range: 2 mA to 26 mA
TTL Compatible Inputs
Internal Voltage Reference (1.23 V) on TSSOP Package
Single Supply +5 V/+3.3 V Operation
28-Lead SOIC Package and 24-Lead TSSOP Package
Low Power Dissipation (30 mW min @ 3 V)
Low Power Standby Mode (10 mW min @ 3 V)
Power-Down Mode (60 mW min @ 3 V)
Power-Down Mode Available on TSSOP Package
Industrial Temperature Range (–40 C to +85 C)
APPLICATIONS
Digital Video Systems (1600
1200 @ 100 Hz)
High Resolution Color Graphics
Digital Radio Modulation
Image Processing
Instrumentation
Video Signal Reconstruction
Direct Digital Synthesis (DDS)
Wireless LAN
GENERAL DESCRIPTION
The ADV7127 (ADV
®) is a high speed, digital-to-analog con-
vertor on a single monolithic chip. It consists of a 10-bit,
video D/A converter with on-board voltage reference, comple-
mentary outputs, a standard TTL input interface and high
impedance analog output current sources.
The ADV7127 has a 10-bit wide input port. A single +5 V/
+3.3 V power supply and clock are all that are required to make
the part functional.
The ADV7127 is fabricated in a CMOS process. Its monolithic
CMOS construction ensures greater functionality with lower
power dissipation. The ADV7127 is available in a small outline
28-lead SOIC or 24-lead TSSOP package.
The ADV7127 TSSOP package also has a power-down mode.
Both ADV7127 packages have a power standby mode.
The ADV7127 TSSOP package has an on-board voltage refer-
ence circuit. The ADV7127 SOIC package requires an external
reference.
PRODUCT HIGHLIGHTS
1. 240 MSPS Throughput.
2. Guaranteed monotonic to 10 bits.
3. Compatible with a wide variety of high resolution color
graphics systems including RS-343A and RS-170A.
ADV is a registered trademark of Analog Devices, Inc.


Similar Part No. - ADV7127

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7127 AD-ADV7127 Datasheet
225Kb / 16P
CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
ADV7127 AD-ADV7127 Datasheet
375Kb / 18P
10-Bit, High Speed Video DAC
1/2017-Rev. 0 to Rev. A
ADV7127 AD-ADV7127 Datasheet
311Kb / 16P
CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
ADV7127JR240 AD-ADV7127JR240 Datasheet
311Kb / 16P
CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
ADV7127JRU240 AD-ADV7127JRU240 Datasheet
311Kb / 16P
CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
More results

Similar Description - ADV7127

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7123 AD-ADV7123 Datasheet
342Kb / 20P
CMOS, 240 MHz Triple 10-Bit High Speed Video DAC
10/02-Data Sheet changed from REV. A to REV. B.
ADV7128 AD-ADV7128 Datasheet
135Kb / 8P
CMOS 80 MHz, 10-Bit Video DAC
REV.0
ADV7123KSTZ140 AD-ADV7123KSTZ140 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ50 AD-ADV7123KSTZ50 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7123JSTZ330 AD-ADV7123JSTZ330 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7127KRUZ50 AD-ADV7127KRUZ50 Datasheet
311Kb / 16P
CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
ADV7127KRUZ140 AD-ADV7127KRUZ140 Datasheet
225Kb / 16P
CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
ADV7123-EP AD-ADV7123-EP Datasheet
177Kb / 12P
CMOS, 170 MHz, Triple, 10-Bit High Speed Video DAC
REV. 0
ADV7123 AD-ADV7123_15 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7127 AD-ADV7127_15 Datasheet
311Kb / 16P
CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com