Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHC74 Datasheet (PDF) - STMicroelectronics

74VHC74 Datasheet PDF - STMicroelectronics
Part # 74VHC74
Download  74VHC74 Download
File Size   75.27 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR

74VHC74 Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHC74 Datasheet PDF - STMicroelectronics

Part # 74VHC74
Download  74VHC74 Click to download

File Size   75.27 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR

74VHC74 Datasheet (HTML) - STMicroelectronics


74VHC74 Product details

DESCRIPTION
The 74VHC74 is an advanced high-speed CMOS DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology.
   
■ HIGH SPEED:
    fMAX = 170 MHz (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION:
    ICC = 2 µA (MAX.) at TA=25°C
■ HIGH NOISE IMMUNITY:
    VNIH = VNIL = 28% VCC (MIN.)
■ POWER DOWN PROTECTION ON INPUTS
■ SYMMETRICAL OUTPUT IMPEDANCE:
    |IOH| = IOL = 8 mA (MIN)
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE:
    VCC(OPR) = 2V to 5.5V
■ PIN AND FUNCTION COMPATIBLE WITH
    74 SERIES 74
■ IMPROVED LATCH-UP IMMUNITY
   




Similar Part No. - 74VHC74

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74VHC74 MOTOROLA-74VHC74 Datasheet
153Kb / 6P
Dual D-Type Flip-Flop with Set and Reset
logo
Fairchild Semiconductor
74VHC74 FAIRCHILD-74VHC74 Datasheet
80Kb / 6P
Dual D-Type Flip-Flop with Preset and Clear
74VHC74 FAIRCHILD-74VHC74 Datasheet
104Kb / 8P
Dual D-Type Flip-Flop with Preset and Clear
logo
STMicroelectronics
74VHC74 STMICROELECTRONICS-74VHC74 Datasheet
449Kb / 14P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
12-Nov-2004
logo
Fairchild Semiconductor
74VHC74 FAIRCHILD-74VHC74 Datasheet
390Kb / 10P
Dual D-Type Flip-Flop with Preset and Clear
More results


Similar Description - 74VHC74

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A Datasheet
73Kb / 10P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
Mar-2000
logo
Toshiba Semiconductor
TC74HCT74AP TOSHIBA-TC74HCT74AP Datasheet
242Kb / 6P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
TC74VHCT74AF TOSHIBA-TC74VHCT74AF Datasheet
221Kb / 6P
DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR
logo
Fairchild Semiconductor
74VHC74 FAIRCHILD-74VHC74 Datasheet
104Kb / 8P
Dual D-Type Flip-Flop with Preset and Clear
74VHCT74A FAIRCHILD-74VHCT74A_99 Datasheet
82Kb / 6P
Dual D-Type Flip-Flop with Preset and Clear
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A_04 Datasheet
423Kb / 14P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
16-Dec-2004
logo
Toshiba Semiconductor
TC74VHC74F TOSHIBA-TC74VHC74F_12 Datasheet
220Kb / 9P
Dual D-Type Flip-Flop with Preset and Clear
logo
Fairchild Semiconductor
74VHC74 FAIRCHILD-74VHC74_08 Datasheet
304Kb / 10P
Dual D-Type Flip-Flop with Preset and Clear
74VHC74MTCX FAIRCHILD-74VHC74MTCX Datasheet
304Kb / 10P
Dual D-Type Flip-Flop with Preset and Clear
logo
ON Semiconductor
74VHC74 ONSEMI-74VHC74 Datasheet
465Kb / 6P
Dual D-Type Flip-Flop with Preset and Clear
August-2017, Rev. 2
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com