Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHC74 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 74VHC74
Description  DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC74 Datasheet(HTML) 3 Page - STMicroelectronics

  74VHC74 Datasheet HTML 1Page - STMicroelectronics 74VHC74 Datasheet HTML 2Page - STMicroelectronics 74VHC74 Datasheet HTML 3Page - STMicroelectronics 74VHC74 Datasheet HTML 4Page - STMicroelectronics 74VHC74 Datasheet HTML 5Page - STMicroelectronics 74VHC74 Datasheet HTML 6Page - STMicroelectronics 74VHC74 Datasheet HTML 7Page - STMicroelectronics 74VHC74 Datasheet HTML 8Page - STMicroelectronics 74VHC74 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Unit
VCC
Supply Voltage
-0.5 to +7.0
V
VI
DC Input Voltage
-0.5 to +7.0
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
- 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 25
mA
ICC or IGND DC VCC or Ground Current
± 50
mA
Tstg
Storage Temperature
-65 to +150
oC
TL
Lead Temperature (10 sec)
300
oC
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Valu e
Uni t
VCC
Supply Voltage
2.0 to 5.5
V
VI
Input Voltage
0 to 5.5
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-40 to +85
oC
dt/dv
Input Rise and Fall Time (see note 1) (VCC =3.3
± 0.3V)
(V CC =5.0
± 0.5V)
0 to 100
0to 20
ns/V
ns/V
1) VIN from 30% to70%of VCC
DC SPECIFICATIONS
Symb ol
Parameter
T est Cond ition s
Val ue
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
Typ .
Max.
Min .
Max.
VIH
High Level Input
Voltage
2.0
1.5
1.5
V
3.0 to 5.5
0.7VCC
0.7VCC
VIL
Low Level Input
Voltage
2.0
0.5
0.5
V
3.0 to 5.5
0.3VCC
0.3VCC
VOH
High Level Output
Voltage
2.0
IO=-50
µA
1.9
2.0
1.9
V
3.0
IO=-50
µA
2.9
3.0
2.9
4.5
IO=-50
µA
4.4
4.5
4.4
3.0
IO=-4 mA
2.58
2.48
4.5
IO=-8 mA
3.94
3.8
VOL
Low Level Output
Voltage
2.0
IO=50
µA
0.0
0.1
0.1
V
3.0
IO=50
µA
0.0
0.1
0.1
4.5
IO=50
µA
0.0
0.1
0.1
3.0
IO=4 mA
0.36
0.44
4.5
IO=8 mA
0.36
0.44
II
Input Leakage Current
0 to 5.5
VI = 5.5V or GND
±0.1
±1.0
µA
ICC
Quiescent Supply
Current
5.5
VI =VCC or GND
2
20
µA
74VHC74
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com