Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHC74 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74VHC74
Description  DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC74 Datasheet(HTML) 1 Page - STMicroelectronics

  74VHC74 Datasheet HTML 1Page - STMicroelectronics 74VHC74 Datasheet HTML 2Page - STMicroelectronics 74VHC74 Datasheet HTML 3Page - STMicroelectronics 74VHC74 Datasheet HTML 4Page - STMicroelectronics 74VHC74 Datasheet HTML 5Page - STMicroelectronics 74VHC74 Datasheet HTML 6Page - STMicroelectronics 74VHC74 Datasheet HTML 7Page - STMicroelectronics 74VHC74 Datasheet HTML 8Page - STMicroelectronics 74VHC74 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
74VHC74
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
June 1999
s
HIGH SPEED:
fMAX =170 MHz (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =2
µA (MAX.) at TA =25 oC
s
HIGH NOISE IMMUNITY:
VNIH =VNIL =28% VCC (MIN.)
s
POWER DOWN PROTECTION ON INPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|=IOL = 8 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 74
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74VHC74 is an advanced high-speed CMOS
DUAL D-TYPE FLIP FLOP WITH PRESET AND
CLEAR fabricated with sub-micron silicon gate
and
double-layer
metal
wiring
C
2MOS
technology.
A signal on the D INPUT is transfered to the Q
OUTPUT during the positive going transition of
the clock pulse.
CLEAR and PRESET are independent of the
clock and accomplished by a low setting on the
appropriate input.
It is ideal for low power applications maintaining
high speed operation similar to equivalent Bipolar
Schottky TTL.
Power down protection is provided on all inputs
and 0 to 7V can be accepted on inputs with no
regard to the supply voltage. This device can be
used to interface 5V to 3V.
All inputs
and
outputs are
equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES :
74VHC74M
74VHC74T
M
(Micro Package)
T
(TSSOP Package)
®
1/10


Similar Part No. - 74VHC74

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74VHC74 MOTOROLA-74VHC74 Datasheet
153Kb / 6P
Dual D-Type Flip-Flop with Set and Reset
logo
Fairchild Semiconductor
74VHC74 FAIRCHILD-74VHC74 Datasheet
80Kb / 6P
Dual D-Type Flip-Flop with Preset and Clear
74VHC74 FAIRCHILD-74VHC74 Datasheet
104Kb / 8P
Dual D-Type Flip-Flop with Preset and Clear
logo
STMicroelectronics
74VHC74 STMICROELECTRONICS-74VHC74 Datasheet
449Kb / 14P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
12-Nov-2004
logo
Fairchild Semiconductor
74VHC74 FAIRCHILD-74VHC74 Datasheet
390Kb / 10P
Dual D-Type Flip-Flop with Preset and Clear
More results

Similar Description - 74VHC74

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A Datasheet
73Kb / 10P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
Mar-2000
logo
Toshiba Semiconductor
TC74HCT74AP TOSHIBA-TC74HCT74AP Datasheet
242Kb / 6P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
TC74VHCT74AF TOSHIBA-TC74VHCT74AF Datasheet
221Kb / 6P
DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR
logo
Fairchild Semiconductor
74VHC74 FAIRCHILD-74VHC74 Datasheet
104Kb / 8P
Dual D-Type Flip-Flop with Preset and Clear
74VHCT74A FAIRCHILD-74VHCT74A_99 Datasheet
82Kb / 6P
Dual D-Type Flip-Flop with Preset and Clear
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A_04 Datasheet
423Kb / 14P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
16-Dec-2004
logo
Toshiba Semiconductor
TC74VHC74F TOSHIBA-TC74VHC74F_12 Datasheet
220Kb / 9P
Dual D-Type Flip-Flop with Preset and Clear
logo
Fairchild Semiconductor
74VHC74 FAIRCHILD-74VHC74_08 Datasheet
304Kb / 10P
Dual D-Type Flip-Flop with Preset and Clear
74VHC74MTCX FAIRCHILD-74VHC74MTCX Datasheet
304Kb / 10P
Dual D-Type Flip-Flop with Preset and Clear
logo
ON Semiconductor
74VHC74 ONSEMI-74VHC74 Datasheet
465Kb / 6P
Dual D-Type Flip-Flop with Preset and Clear
August-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com