Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP708 Datasheet (PDF) - Texas Instruments

TMP708 Datasheet PDF - Texas Instruments
Part # TMP708
Download  TMP708 Download
File Size   493.27 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP708 Resistor-Programmable Temperature Switch in SOT Package

TMP708 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP708 Datasheet PDF - Texas Instruments

Part # TMP708
Download  TMP708 Click to download

File Size   493.27 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP708 Resistor-Programmable Temperature Switch in SOT Package

TMP708 Datasheet (HTML) - Texas Instruments


TMP708 Product details

1 Features
1• Threshold Accuracy:
– ±0.5°C Typical
– ±3°C Maximum (60°C to 100°C)
• Temperature Threshold Set By 1% External
Resistor
• Low Quiescent Current: 40 μA, Typical
• Open-Drain, Active-Low Output Stage
• Pin-Selectable 10°C or 30°C Hysteresis
• Reset Operation Specified at VCC = 0.8 V
• Supply Range: 2.7 V to 5.5 V
• Package: 5-Pin SOT-23

2 Applications
• Computers (Laptops and Desktops)
• Servers
• Industrial and Medical Equipment
• Storage Area Networks
• Automotive

3 Description
The TMP708 is a fully-integrated, resistorprogrammable
temperature switch with a temperature
threshold that is set by just one external resistor
within the entire operating range. The TMP708
provides an open-drain, active-low output and has a
2.7-V to 5.5-V supply voltage range.
The temperature threshold accuracy is typically
±0.5°C, with a maximum of ±3°C (60°C to 100°C).
The quiescent current consumption is typically 40 μA.
Hysteresis is pin-selectable to 10°C or 30°C.
The TMP708 is available in a 5-pin, SOT-23 package.




Similar Part No. - TMP708

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP708 TI1-TMP708 Datasheet
551Kb / 14P
Resistor-Programmable Temperature Switch in SOT Package
TMP708 TI2-TMP708 Datasheet
958Kb / 20P
TMP708-Q1 Automotive, Resistor-Programmable Temperature Switch in SOT Package
DECEMBER 2016
TMP708-Q1 TI1-TMP708-Q1 Datasheet
780Kb / 18P
Automotive, Resistor-Programmable Temperature Switch in SOT Package
TMP708-Q1 TI2-TMP708-Q1 Datasheet
958Kb / 20P
TMP708-Q1 Automotive, Resistor-Programmable Temperature Switch in SOT Package
DECEMBER 2016
TMP708AIDBVR TI1-TMP708AIDBVR Datasheet
551Kb / 14P
Resistor-Programmable Temperature Switch in SOT Package
More results


Similar Description - TMP708

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509 Datasheet
141Kb / 8P
Resistor-Programmable SOT Temperature Switches
Rev 0; 1/00
MAX6509 MAXIM-MAX6509_03 Datasheet
199Kb / 8P
Resistor-Programmable SOT Temperature Switches
Rev 2; 11/03
logo
Texas Instruments
TMP708 TI1-TMP708 Datasheet
551Kb / 14P
Resistor-Programmable Temperature Switch in SOT Package
TMP709 TI1-TMP709 Datasheet
551Kb / 14P
Resistor-Programmable Temperature Switch in SOT Package
TMP709 TI1-TMP709_15 Datasheet
704Kb / 15P
Resistor-Programmable Temperature Switch in SOT Package
logo
Global Mixed-mode Techn...
G709 GMT-G709 Datasheet
40Kb / 1P
Resistor-Programmable SOT Temperature Switches
G708 GMT-G708 Datasheet
76Kb / 1P
Resistor-Programmable SOT Temperature Switches
logo
Texas Instruments
TMP708-Q1 TI1-TMP708-Q1 Datasheet
780Kb / 18P
Automotive, Resistor-Programmable Temperature Switch in SOT Package
TMP709-Q1 TI1-TMP709-Q1 Datasheet
780Kb / 18P
Automotive, Resistor-Programmable Temperature Switch in SOT Package
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509_V01 Datasheet
1Mb / 9P
Resistor-Programmable SOT Temperature Switches
2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com