Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP708 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMP708
Description  TMP708 Resistor-Programmable Temperature Switch in SOT Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP708 Datasheet(HTML) 3 Page - Texas Instruments

  TMP708 Datasheet HTML 1Page - Texas Instruments TMP708 Datasheet HTML 2Page - Texas Instruments TMP708 Datasheet HTML 3Page - Texas Instruments TMP708 Datasheet HTML 4Page - Texas Instruments TMP708 Datasheet HTML 5Page - Texas Instruments TMP708 Datasheet HTML 6Page - Texas Instruments TMP708 Datasheet HTML 7Page - Texas Instruments TMP708 Datasheet HTML 8Page - Texas Instruments TMP708 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1
SET
2
GND
3
OT
4
HYST
5
VCC
Not to scale
3
TMP708
www.ti.com
SBOS585B – DECEMBER 2011 – REVISED DECEMBER 2016
Product Folder Links: TMP708
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DBV Package
5-Pin SOT-23
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
GND
2
Analog power Device ground
HYST
4
Digital input
Hysteresis selection. For 10°C, HYST = VCC; for 30°C, HYST = GND.
OT
3
Digital output
Open-drain, active low output
SET
1
Analog input
Temperature set point. Connect an external 1% resistor between SET and GND.
VCC
5
Analog power Power-supply voltage (2.7 V to 5.5 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com