Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP708 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMP708
Description  TMP708 Resistor-Programmable Temperature Switch in SOT Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP708 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP708 Datasheet HTML 2Page - Texas Instruments TMP708 Datasheet HTML 3Page - Texas Instruments TMP708 Datasheet HTML 4Page - Texas Instruments TMP708 Datasheet HTML 5Page - Texas Instruments TMP708 Datasheet HTML 6Page - Texas Instruments TMP708 Datasheet HTML 7Page - Texas Instruments TMP708 Datasheet HTML 8Page - Texas Instruments TMP708 Datasheet HTML 9Page - Texas Instruments TMP708 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
35
30
25
20
15
10
5
0
Trip Temperature ( C)
°
0
40
60
140
20
80
100
120
10
Hysteresis
°
°
C
30 C Hysteresis
1.5
1
0.5
0
0.5
1
1.5
-
-
-
Trip Temperature ( C)
°
0
40
60
140
20
80
100
120
48
46
Temperature ( C)
°
0
40
60
140
20
80
100
120
44
42
40
38
36
34
V
= 5 V
CC
V
= 2.7 V
CC
R
= 0 W
SET
100
90
80
70
60
50
40
30
20
10
0
Trip Temperature ( C)
°
0
40
60
140
20
80
100
120
6
TMP708
SBOS585B – DECEMBER 2011 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: TMP708
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
6.6 Typical Characteristics
at TA = 25°C and VCC = 2.7 V to 5.5 V (unless otherwise noted)
Figure 1. Supply Current vs Temperature
Figure 2. RSET vs Trip Temperature
Figure 3. Hysteresis vs Trip Temperature
Figure 4. Temperature Error vs Trip Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com