Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA6136A2 Datasheet (PDF) - Texas Instruments

TPA6136A2 Datasheet PDF - Texas Instruments
Part # TPA6136A2
Download  TPA6136A2 Download
File Size   535.81 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPA6138A2 DirectPath™ Headphone Driver With Adjustable Gain

TPA6136A2 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPA6136A2 Datasheet PDF - Texas Instruments

Part # TPA6136A2
Download  TPA6136A2 Click to download

File Size   535.81 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPA6138A2 DirectPath™ Headphone Driver With Adjustable Gain

TPA6136A2 Datasheet (HTML) - Texas Instruments


TPA6136A2 Product details

1 Features
1• Stereo DirectPath™ Headphone Amplifier
– 40 mW Into 32 Ω With 3.3-V Supply
• Low THD+N < 0.01% at 10 mW Into 32 Ω
• High SNR, >90 dB
• Differential Input and Single-Ended Output
• Adjustable Gain by External Gain-Setting
Resistors
• Configurable as a Second-Order Low-Pass Filter
– Ideal for PWM Audio Sources
• Low DC Offset, <1 mV
• Ground-Referenced Outputs Eliminate DC-
Blocking Capacitors
– Reduce Board Area
– Reduce Component Cost
– Improve THD+N Performance
– No Degradation of Low-Frequency Response
Due to Output Capacitors pop•
Short-Circuit Protection
• Click- and Pop-Reduction Circuitry
• External Undervoltage Mute
• Active Mute Control for Pop-Free Audio On/Off
Control
• Space-Saving TSSOP Package

2 Applications
• LCD and PDP TV
• Blu-ray Disc™, DVD Players
• Set-Top Boxes
• Mini/Micro Combo Systems
• Sound Cards
• Laptops

3 Description
The TPA6138A2 is a pop-free stereo headphone
amplifier designed to allow the removal of the output dc-blocking capacitors for reduced component count
and cost. The device is ideal for single-supply
electronics where size and cost are critical design
parameters.
Designed using TI’s patented DirectPath™
technology, The TPA6138A2 is capable of driving 25
mW into a 32-Ω load with 3.3-V supply voltage. The device has differential inputs and uses external gain-
setting resistors that supports a gain range of ±1 V/V
to ±10 V/V. Gain can be configured individually for
each channel. The device can also be configured as
a second-order low-pass filter and is ideal for interfacing with PWM audio sources. Audio output
compiles with ±8-kV IEC ESD protection, requiring
just a simple resistor-capacitor ESD protection circuit.
The TPA6138A2 has built-in active-mute control for pop-free audio on/off control. The TPA6138A2 has an
external undervoltage detector that mutes the output
when the power supply is removed, ensuring a pop•
free shutdown.
Using the TPA6138A2 in audio products can reduce
component count considerably compared to
traditional headphone amplifiers. The TPA6138A2 does not require a split-rail power supply or a dc
blocking capacitor. The TPA6138A2 integrates its
own charge pump to generate a negative supply rail
that provides a clean, pop-free ground-biased audio
signal.
The TPA6138A2 is available in a 14-pin TSSOP.




Similar Part No. - TPA6136A2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6136A2 TI-TPA6136A2 Datasheet
921Kb / 22P
25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6136A2 TI2-TPA6136A2 Datasheet
887Kb / 25P
25-mW DIRECTPATH™ STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
REVISED AUGUST 2009
TPA6136A2 TI2-TPA6136A2 Datasheet
792Kb / 32P
TPA6139A2 DirectPath™ 25-mW Headphone Amplifier With Programmable-Fixed Gain
REVISED APRIL 2016
TPA6136A2YFFR TI-TPA6136A2YFFR Datasheet
921Kb / 22P
25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6136A2YFFR TI2-TPA6136A2YFFR Datasheet
887Kb / 25P
25-mW DIRECTPATH™ STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
REVISED AUGUST 2009
More results


Similar Description - TPA6136A2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV601 TI-DRV601 Datasheet
552Kb / 16P
DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV601 TI-DRV601_08 Datasheet
548Kb / 16P
DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV602 TI-DRV602 Datasheet
243Kb / 12P
DIRECTPATH?? 2Vrms Line Driver with Adjustable gain
DRV603 TI1-DRV603 Datasheet
637Kb / 21P
DirectPath?? 3-VRMS Line Driver With Adjustable Gain
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
TPA6138A2PWR TI1-TPA6138A2PWR Datasheet
588Kb / 18P
DirectPath??Headphone Driver With Adjustable Gain
DRV601 TI-DRV601_15 Datasheet
908Kb / 19P
DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
TPA6138A2 TI-TPA6138A2_15 Datasheet
654Kb / 22P
TPA6138A2 DirectPath??Headphone Driver With Adjustable Gain
TPA6138A2 TI1-TPA6138A2_15 Datasheet
703Kb / 22P
DirectPath Headphone Driver
TPA6138A2 TI1-TPA6138A2_17 Datasheet
918Kb / 22P
DirectPath Headphone Driver With Adjustable Gain
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com