Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA6136A2 Datasheet (PDF) - Texas Instruments

TPA6136A2 Datasheet PDF - Texas Instruments
Part # TPA6136A2
Download  TPA6136A2 Download
File Size   887.93 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 25-mW DIRECTPATH™ STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION

TPA6136A2 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPA6136A2 Datasheet PDF - Texas Instruments

Part # TPA6136A2
Download  TPA6136A2 Click to download

File Size   887.93 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 25-mW DIRECTPATH™ STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION

TPA6136A2 Datasheet (HTML) - Texas Instruments


TPA6136A2 Product details

1FEATURES
23· Patented DirectPath™ Technology Eliminates
Need for DC-Blocking Capacitors
– Outputs Biased at 0 V
– Excellent Low Frequency Fidelity
· Active Click and Pop Suppression
· HI-Z Output Mode Allows Sharing Output Jack
· 2.1 mA Typical Supply Current
· Fully Differential Inputs Reduce System Noise
– Also Configurable as Single-Ended Inputs
· SGND Pin Eliminates Ground Loop Noise
· Constant Maximum Output Power from 2.3 V
to 5.5 V Supply
– Simplifies Design to Prevent Acoustic
Shock
· MicrosoftTM Windows VistaTM Compliant
· 100 dB Power Supply Noise Rejection
· Wide Power Supply Range: 2.3 V to 5.5 V
· Gain Settings: 0 dB and 6 dB
· Short-Circuit and Thermal-Overload Protection
· ±8 kV HBM ESD Protected Outputs
· Small Package Available
– 16-Ball, 1.6 x 1.6 mm, 0.4 mm Pitch WCSP

APPLICATIONS
· Smart Phones / Cellular Phones
· Portable Media / MP3 Players
· Notebook Computers
· Portable Gaming

DESCRIPTION
The TPA6136A2 (sometimes referred to as TPA6136)
is a DirectPath™ stereo headphone amplifier that
eliminates the need for external dc-blocking output
capacitors. Differential stereo inputs and built-in
resistors set the device gain, further reducing external
component count. Gain is selectable at 0 dB or 6 dB.
The amplifier drives 25 mW into 16 Ω speakers from
a single 2.3 V supply. The TPA6136A2 (TPA6136)
provides a constant maximum output power
independent of the supply voltage, thus facilitating the
design for prevention of acoustic shock.
The TPA6136A2 (TPA6136) features fully differential
inputs with an integrated low pass filter to reduce
system noise pickup between the audio source and
the headphone amplifier and to reduce DAC
out-of-band noise. The high power supply noise
rejection performance and differential architecture
provides increased RF noise immunity. For single-ended input signals, connect INL+ and INR+ to
ground.
The device has built-in pop suppression circuitry to
completely eliminate disturbing pop noise during
turn-on and turn-off. The amplifier outputs have
short-circuit and thermal-overload protection along with ±8 kV HBM ESD protection, simplifying end
equipment compliance to the IEC 61000-4-2 ESD
standard.
The TPA6136A2 (TPA6136) operates from a single
2.3 V to 5.5 V supply with 2.1 mA of typical supply
current. Shutdown mode reduces supply current to
less than 1 mA.




Similar Part No. - TPA6136A2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6136A2 TI-TPA6136A2 Datasheet
921Kb / 22P
25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6136A2 TI2-TPA6136A2 Datasheet
535Kb / 23P
TPA6138A2 DirectPath™ Headphone Driver With Adjustable Gain
REVISED AUGUST 2015
TPA6136A2 TI2-TPA6136A2 Datasheet
792Kb / 32P
TPA6139A2 DirectPath™ 25-mW Headphone Amplifier With Programmable-Fixed Gain
REVISED APRIL 2016
TPA6136A2YFFR TI-TPA6136A2YFFR Datasheet
921Kb / 22P
25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6136A2YFFT TI-TPA6136A2YFFT Datasheet
921Kb / 22P
25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
More results


Similar Description - TPA6136A2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6132A2 TI-TPA6132A2 Datasheet
1,001Kb / 22P
25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6136A2 TI-TPA6136A2 Datasheet
921Kb / 22P
25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6132A2 TI-TPA6132A2_15 Datasheet
1Mb / 28P
TPA6132A2 25-mW DirectPath??Stereo Headphone Amplifier With Pop Suppression
TPA6136A2 TI-TPA6136A2_15 Datasheet
1Mb / 23P
25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6132A2 TI1-TPA6132A2 Datasheet
1Mb / 28P
Stereo Headphone Amplifier With Pop Suppression
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
138-mW DirectPath Stereo Headphone Amplifier
TPA6132A2 TI1-TPA6132A2_17 Datasheet
1Mb / 28P
25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com