Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA6136A2 Datasheet (PDF) - Texas Instruments

TPA6136A2 Datasheet PDF - Texas Instruments
Part # TPA6136A2
Download  TPA6136A2 Download
File Size   792.85 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPA6139A2 DirectPath™ 25-mW Headphone Amplifier With Programmable-Fixed Gain

TPA6136A2 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPA6136A2 Datasheet PDF - Texas Instruments

Part # TPA6136A2
Download  TPA6136A2 Click to download

File Size   792.85 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPA6139A2 DirectPath™ 25-mW Headphone Amplifier With Programmable-Fixed Gain

TPA6136A2 Datasheet (HTML) - Texas Instruments


TPA6136A2 Product details

1 Features
1• DirectPath™
– Eliminates Pops and Clicks
– Eliminates Output DC-Blocking Capacitors
– 3-V to 3.6-V Supply Voltage
• Low Noise and THD
– SNR > 105 dB at –1x Gain
– Typical Vn < 15 μVms 20 to 20 kHz at –1x
Gain
– THD+N < 0.003% at 10-kΩ Load and –1x Gain
• 25 mW into 32-Ω Load
• 2-Vrms Output Voltage into 600-Ω Load
• Single-Ended Input and Output
• Programmable Gain Select Reduces Component
Count
– 13x Gain Values
• Active Mute With More Than 80-dB Attenuation
• Short-Circuit and Thermal Protection
• ±8-kV HBM ESD Protected Outputs

2 Applications
• PDP and LCD TVs
• Blu-ray Discs™, DVD Players
• Mini and Micro Combo Systems
• Soundcards

3 Description
The TPA6139A2 is a 25-mW, pop-free stereo
headphone driver designed to reduce component
count, board space and cost. It is ideal for singlesupply
electronics where size and cost are critical
design parameters.
The TPA6139A2 device does not require a power
supply greater than 3.3 V to generate its 25 mW, nor
does it require a split rail power supply.
The TPA6139A2 device was designed using TI's
patented DirectPath™ technology, which integrates a
charge pump to generate a negative supply rail that
provides a clean, pop-free ground biased output. The
TPA6139A2 is capable of driving 25 mW into a 32-Ω
load and 2 Vrms into a 600-Ω load. DirectPath also
allows the removal of the costly output DC-blocking
capacitors.
The device has fixed gain single-ended inputs with a
gain select pin. Using a single resistor on this pin, the
designer can choose from 13 internal programmable
gain settings to match the line driver with the CODEC
output level. It also reduces the component count and
board space.
Headphone outputs have ±8-kV HBM ESD protection
enabling a simple ESD protection circuit. The
TPA6139A2 has built-in active mute control with more
that 80-dB attenuation for pop-free mute ON and OFF
control.
The TPA6139A2 device is available in a 14-pin
TSSOP and a 16-pin QFN. For a pin-compatible, 2-
Vrms line driver see DRV612.




Similar Part No. - TPA6136A2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6136A2 TI-TPA6136A2 Datasheet
921Kb / 22P
25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6136A2 TI2-TPA6136A2 Datasheet
535Kb / 23P
TPA6138A2 DirectPath™ Headphone Driver With Adjustable Gain
REVISED AUGUST 2015
TPA6136A2 TI2-TPA6136A2 Datasheet
887Kb / 25P
25-mW DIRECTPATH™ STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
REVISED AUGUST 2009
TPA6136A2YFFR TI-TPA6136A2YFFR Datasheet
921Kb / 22P
25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6136A2YFFR TI2-TPA6136A2YFFR Datasheet
887Kb / 25P
25-mW DIRECTPATH™ STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
REVISED AUGUST 2009
More results


Similar Description - TPA6136A2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6132A2 TI-TPA6132A2 Datasheet
1,001Kb / 22P
25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6136A2 TI-TPA6136A2 Datasheet
921Kb / 22P
25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6139A2 TI1-TPA6139A2 Datasheet
825Kb / 22P
DirectPath??25-mW Headphone Amplifier With Programmable-Fixed Gain
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6132A2 TI-TPA6132A2_15 Datasheet
1Mb / 28P
TPA6132A2 25-mW DirectPath??Stereo Headphone Amplifier With Pop Suppression
TPA6136A2 TI-TPA6136A2_15 Datasheet
1Mb / 23P
25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6139A2 TI-TPA6139A2_15 Datasheet
967Kb / 23P
DirectPath??25-mW Headphone Amplifier With Programmable-Fixed Gain
TPA6132A2 TI1-TPA6132A2_17 Datasheet
1Mb / 28P
25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com