Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPPM0111 Datasheet (PDF) - Texas Instruments

TPPM0111 Datasheet PDF - Texas Instruments
Part # TPPM0111
Download  TPPM0111 Download
File Size   510.07 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL LOW-DROPOUT LINEAR REGULATOR

TPPM0111 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPPM0111 Datasheet PDF - Texas Instruments

Part # TPPM0111
Download  TPPM0111 Click to download

File Size   510.07 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL LOW-DROPOUT LINEAR REGULATOR

TPPM0111 Datasheet (HTML) - Texas Instruments


TPPM0111 Product details

Dual Voltage Output, 3.3 V ±3% and
1.5 V ±2%
3.3-V Output Within 2 V of 1.5-V Output
Under All Conditions
1.5-A Load Current Capability on 3.3-V
Output
300-mA Load Current Capability on
1.5-V Output
Overcurrent Protection for Both
Outputs
Thermally-Enhanced Packaging
Concept for Efficient Heat Management
Thermal Shutdown to Protect Device
During Excessive Power Dissipation

description
The TPPM0111 is a power source intended for use in systems that have a single 5-V input source and require
dual, linearly-regulated, low-dropout voltage sources. The outputs must track within 2 V of each other during
all conditions and modes of operation. Each output is protected against overcurrent conditions. In the event that
one of the outputs is shorted to ground, the other output must maintain a voltage output differential of less than
2 V compared to the output with the abnormal condition.
The 3.3-V ±3% regulated output is capable of driving loads of 1.5 A, and the 1.5-V ±2% regulated output is
capable of driving loads of 300 mA under all normal operating conditions. The device is available in a
PowerPAD thermally-enhanced package for efficient heat management, and requires a copper plane to
dissipate the heat.




Similar Part No. - TPPM0111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPPM0111 TI-TPPM0111 Datasheet
234Kb / 10P
DUAL LOW-DROPOUT LINEAR REGULATOR
TPPM0111DWP TI-TPPM0111DWP Datasheet
234Kb / 10P
DUAL LOW-DROPOUT LINEAR REGULATOR
TPPM0111DWPR TI-TPPM0111DWPR Datasheet
234Kb / 10P
DUAL LOW-DROPOUT LINEAR REGULATOR
TPPM0111 TI-TPPM0111_15 Datasheet
430Kb / 17P
DUAL LOW - DROPOUT LINEAR REGULATOR
More results


Similar Description - TPPM0111

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8862 MAXIM-MAX8862 Datasheet
129Kb / 12P
Low-Cost, Low-Dropout, Dual Linear Regulator
logo
Texas Instruments
TPPM0111 TI-TPPM0111 Datasheet
234Kb / 10P
DUAL LOW-DROPOUT LINEAR REGULATOR
TPPM0110 TI-TPPM0110 Datasheet
247Kb / 14P
DUAL LOW-DROPOUT LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5537 ANPEC-APL5537 Datasheet
355Kb / 16P
Dual Channel 300mA Low Dropout Linear Regulator
logo
Texas Instruments
TPS767D301-EP TI1-TPS767D301-EP Datasheet
698Kb / 21P
DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
logo
Rohm
BD7003NUX-E2 ROHM-BD7003NUX-E2 Datasheet
639Kb / 14P
Dual, Low-Dropout Linear Regulator
logo
Texas Instruments
TPPM0111 TI-TPPM0111_15 Datasheet
430Kb / 17P
DUAL LOW - DROPOUT LINEAR REGULATOR
TPS767D301-EP TI-TPS767D301-EP_15 Datasheet
876Kb / 22P
DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7201 DIODES-AP7201 Datasheet
630Kb / 13P
DUAL 150mA LOW DROPOUT LINEAR REGULATOR
Rev 13.2.2003
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
low-dropout linear regulator.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com