Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K1R Datasheet (PDF) - Kemet Corporation

K1R Datasheet PDF - Kemet Corporation
Part # K1R
Download  K1R Download
File Size   473.42 Kbytes
Page   2 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description CERAMIC OPEN MODE CAPACITORS

K1R Datasheet (PDF)

Go To PDF Page Download Datasheet
K1R Datasheet PDF - Kemet Corporation

Part # K1R
Download  K1R Click to download

File Size   473.42 Kbytes
Page   2 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description CERAMIC OPEN MODE CAPACITORS

K1R Datasheet (HTML) - Kemet Corporation


K1R Product details

FEATURES
   KEMET’s Open Mode Ceramic Surface Mount Capacitor is designed to significantly minimize the probability of a low IR or Short Circuit Condition when forced to failure in a board flex situation. This reduces the potential for causing catastrophic failures. This product is RoHS Compliant.

Applications:
• Input side filtering (power plane/bus)
• High current applications (battery line)
• Circuits that cannot be fused to open when short circuits occur due to flex cracks

Markets:
• Automotive
   - All applications connected directly to the battery
   - Conversion to 42V power system
• Power Conversion
   - Raw power input side filtering




Similar Part No. - K1R

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
K1R KEMET-K1R Datasheet
1Mb / 7P
CERAMIC OPEN MODE CAPACITORS
K1R KEMET-K1R Datasheet
159Kb / 2P
Surface Mount Ceramic Chip Capacitors - 100 Volt Series - X7R Dielectric
logo
STMicroelectronics
K1R STMICROELECTRONICS-K1R Datasheet
179Kb / 21P
2 Mb 256K x 8, Chip Erase FLASH MEMORY
Apr-1997
More results


Similar Description - K1R

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805F102K1RAC KEMET-C0805F102K1RAC Datasheet
1Mb / 7P
CERAMIC OPEN MODE CAPACITORS
C0805F224M3RAC KEMET-C0805F224M3RAC Datasheet
196Kb / 2P
Surface Mount Ceramic Chip Capacitors - Open Mode - X7R - Capacitance Extensions
C0805F473M1RAC KEMET-C0805F473M1RAC Datasheet
95Kb / 2P
Open Mode Surface Mount Ceramic Chip Capacitors - X7R Dielectric
logo
TDK Electronics
C5750X7R1C226KT5XXX TDK-C5750X7R1C226KT5XXX Datasheet
295Kb / 2P
Open Mode Capacitor
logo
MERITEK ELECTRONICS COR...
OP0805XR101K500 MERITEK-OP0805XR101K500 Datasheet
117Kb / 1P
Multilayer Ceramic Capacitors OPEN-MODE DESIGN
logo
Kemet Corporation
C1206J154K1RACTU KEMET-C1206J154K1RACTU Datasheet
72Kb / 1P
Ceramic, Open Mode, OpenModeFlexTerm-(CxxxxJ), 0.15 uF, 10%, 100 V, 1206, X7R, SMD, MLCC, Open Mode, Temperature Stable
C1210F105K5RACTU KEMET-C1210F105K5RACTU Datasheet
71Kb / 1P
Ceramic, Open Mode, OpenMode-(CxxxxF), 1 uF, 10%, 50 V, 1210, X7R, SMD, MLCC, Open Mode, Temperature Stable
C1206J104K2RACTU KEMET-C1206J104K2RACTU Datasheet
72Kb / 1P
Ceramic, Open Mode, OpenModeFlexTerm-(CxxxxJ), 0.1 uF, 10%, 200 V, 1206, X7R, SMD, MLCC, Open Mode, Temperature Stable
C0805F473K1RACTU KEMET-C0805F473K1RACTU Datasheet
72Kb / 1P
Ceramic, Open Mode, OpenMode-(CxxxxF), 0.047 uF, 10%, 100 V, 0805, X7R, SMD, MLCC, Open Mode, Temperature Stable
logo
Exxelia Group
OPSERIES EXXELIA-OPSERIES Datasheet
616Kb / 16P
Open Mode Chips Capacitors
02/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com