Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K1R Datasheet (PDF) - STMicroelectronics

K1R Datasheet PDF - STMicroelectronics
Part # K1R
Download  K1R Download
File Size   179.07 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 Mb 256K x 8, Chip Erase FLASH MEMORY

K1R Datasheet (PDF)

Go To PDF Page Download Datasheet
K1R Datasheet PDF - STMicroelectronics

Part # K1R
Download  K1R Click to download

File Size   179.07 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 Mb 256K x 8, Chip Erase FLASH MEMORY

K1R Datasheet (HTML) - STMicroelectronics


K1R Product details

DESCRIPTION

The M28F201 FLASH Memory product is a nonvolatile memories which may be erased electrically at the chip level and programmed byte-by-byte. It is organised as 256K bytes. It uses a command register architecture to select the operating modes and thus provide a simple microprocessor interface. The M28F201 FLASH Memory product is suitable for applications where the memory has to be reprogrammed in the equipment. The access time of 70ns makes the device suitable for use in high speed microprocessor systems.



■ 5V ± 10% SUPPLY VOLTAGE

■ 12V PROGRAMMING VOLTAGE

■ FAST ACCESS TIME: 70ns

■ BYTE PROGRAMMING TIME: 10µs typical

■ ELECTRICAL CHIP ERASE in 1s RANGE

■ LOW POWER CONSUMPTION

   – Active Current: 15mAtypical

   – Stand-by Current: 10µA typical

■ 10,000 PROGRAM/ERASE CYCLES

■ INTEGRATED ERASE/PROGRAM-STOP TIMER

■ OTP COMPATIBLE PACKAGES and PINOUTS

■ ELECTRONIC SIGNATURE

   – ManufacturerCode: 20h

   – Device Code: F4h



 




Similar Part No. - K1R

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
K1R KEMET-K1R Datasheet
1Mb / 7P
CERAMIC OPEN MODE CAPACITORS
K1R KEMET-K1R Datasheet
159Kb / 2P
Surface Mount Ceramic Chip Capacitors - 100 Volt Series - X7R Dielectric
K1R KEMET-K1R Datasheet
473Kb / 2P
CERAMIC OPEN MODE CAPACITORS
More results


Similar Description - K1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28F101 STMICROELECTRONICS-M28F101 Datasheet
197Kb / 23P
1 Mb 128K x 8, Chip Erase FLASH MEMORY
Apr-1997
M28F256 STMICROELECTRONICS-M28F256 Datasheet
715Kb / 20P
256K(32K x8, Chip Erase)FLASH MEMORY
Mar-1996
logo
Sharp Corporation
LH28F016SCH SHARP-LH28F016SCH Datasheet
1Mb / 43P
16-MBIT(2 MB x 8) SmartVoltage Flash MEMORY
logo
Winbond
W29C020 WINBOND-W29C020 Datasheet
267Kb / 21P
256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
256K X 8 CMOS FLASH MEMORY
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
256K X 8 CMOS FLASH MEMORY
W49L201 WINBOND-W49L201 Datasheet
190Kb / 23P
256K X 8 CMOS FLASH MEMORY
logo
List of Unclassifed Man...
EN29F002N ETC-EN29F002N Datasheet
267Kb / 32P
2 Megabit (256K x 8-bit) Flash Memory
logo
Eon Silicon Solution In...
EN29F002A EON-EN29F002A Datasheet
431Kb / 35P
2 Megabit (256K x 8-bit) Flash Memory
logo
List of Unclassifed Man...
BM29F400T ETC1-BM29F400T Datasheet
228Kb / 38P
4MEGABIT (512K x 8/ 256K x 16) 5VOLT SECTOR ERASE CMOS FLASH MEMORY
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com