Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28F101 Datasheet (PDF) - STMicroelectronics

M28F101 Datasheet PDF - STMicroelectronics
Part # M28F101
Download  M28F101 Download
File Size   197.89 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1 Mb 128K x 8, Chip Erase FLASH MEMORY

M28F101 Datasheet (PDF)

Go To PDF Page Download Datasheet
M28F101 Datasheet PDF - STMicroelectronics

Part # M28F101
Download  M28F101 Click to download

File Size   197.89 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1 Mb 128K x 8, Chip Erase FLASH MEMORY

M28F101 Datasheet (HTML) - STMicroelectronics


M28F101 Product details

DESCRIPTION

The M28F101 FLASH Memory is a non-volatile memory which may be erased electrically at the

chip level and programmed byte-by-byte. It is or ganised as 128K bytes of 8 bits.It uses a command register architecture to select the operating modes and thus provides a simple microprocessor interface. The M28F101 FLASH Memory is suitable for applications where the memory has to be reprogrammed in the equipment. The access time of 70ns makes the device suitable for use in high speed microprocessor systems.



Features

• 5V±10% SUPPLY VOLTAGE

• 12V PROGRAMMING VOLTAGE

• FAST ACCESS TIME: 70ns

• BYTE PROGRAMING TIME: 10µs typical

• ELECTRICAL CHIP ERASE in 1s RANGE

• LOW POWER CONSUMPTION

– Stand-by Current: 100µA max

• 10,000 ERASE/PROGRAM CYCLES

• INTEGRATED ERASE/PROGRAM-STOP TIMER

• OTP COMPATIBLE PACKAGES and PINOUTS

• ELECTRONIC SIGNATURE

– Manufacturer Code: 20h

– Device Code: 07h




Similar Part No. - M28F101

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
M28F YFWDIODE-M28F Datasheet
427Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
logo
Intel Corporation
M28F008 INTEL-M28F008 Datasheet
401Kb / 28P
8 MBIT (1 MBIT x 8) FLASH MEMORY
logo
Rochester Electronics
M28F008 ROCHESTER-M28F008 Datasheet
1Mb / 14P
8 MBIT (1 MBIT x 8) FLASH MEMORY Extended Cycllng Capablllty
logo
Intel Corporation
M28F010 INTEL-M28F010 Datasheet
317Kb / 22P
1024K (128K x 8) CMOS FLASH MEMORY
logo
STMicroelectronics
M28F201 STMICROELECTRONICS-M28F201 Datasheet
179Kb / 21P
2 Mb 256K x 8, Chip Erase FLASH MEMORY
Apr-1997
More results


Similar Description - M28F101

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28F201 STMICROELECTRONICS-M28F201 Datasheet
179Kb / 21P
2 Mb 256K x 8, Chip Erase FLASH MEMORY
Apr-1997
logo
Sharp Corporation
LH28F008SCH-V SHARP-LH28F008SCH-V Datasheet
1Mb / 41P
8-MBIT(1 MB x 8) SmartVoltage Flash MEMORY
LH28F008SCH SHARP-LH28F008SCH Datasheet
1Mb / 44P
8-MBIT(1 MB x 8) SmartVoltage Flash MEMORY
LH28F008SCHT SHARP-LH28F008SCHT Datasheet
3Mb / 47P
8-MBIT(1 MB x 8) SmartVoltage Flash MEMORY
logo
Winbond
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
128K X 8 CMOS FLASH MEMORY
W29EE011 WINBOND-W29EE011 Datasheet
183Kb / 20P
128K X 8 CMOS FLASH MEMORY
W29EE012 WINBOND-W29EE012 Datasheet
242Kb / 19P
128K X 8 CMOS FLASH MEMORY
W39L010 WINBOND-W39L010 Datasheet
780Kb / 27P
128K X 8 CMOS FLASH MEMORY
logo
Eon Silicon Solution In...
EN29F010 EON-EN29F010 Datasheet
429Kb / 35P
1 Megabit (128K x 8-bit) 5V Flash Memory
logo
ELAN Microelectronics C...
EM25LV010 EMC-EM25LV010 Datasheet
399Kb / 30P
1 Megabit (128K x 8) Serial Flash Memory
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com