Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28F101 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M28F101
Description  1 Mb 128K x 8, Chip Erase FLASH MEMORY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28F101 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M28F101 Datasheet HTML 3Page - STMicroelectronics M28F101 Datasheet HTML 4Page - STMicroelectronics M28F101 Datasheet HTML 5Page - STMicroelectronics M28F101 Datasheet HTML 6Page - STMicroelectronics M28F101 Datasheet HTML 7Page - STMicroelectronics M28F101 Datasheet HTML 8Page - STMicroelectronics M28F101 Datasheet HTML 9Page - STMicroelectronics M28F101 Datasheet HTML 10Page - STMicroelectronics M28F101 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Read Mode. The Read Mode is the default at
power up or may be set-up by writing 00h to the
command register. Subsequent read operations
output data from the memory. The memory remains
in the Read Mode until a new command is written
to the command register.
Electronic Signature Mode. In order to select the
correct erase and programming algorithms for on-
board programming, the manufacturer and device
codes may be read directly. It is not neccessary to
apply a high voltage to A9 when using the com-
mand register. The Electronic Signature Mode is
set-up by writing 90h to the command register. The
following read cycles, with address inputs 00000h
or 00001h, output the manufacturer or device type
codes. The command is terminated by writing an-
other valid command to the command register (for
example Reset).
Symbol
Alt
Parameter
Test Condition
M28F101
Unit
-70
-90
-100
VCC=5V
±5% VCC=5V±10% VCC=5V±10%
SRAM
Interface
EPROM
Interface
EPROM
Interface
Min
Max
Min
Max
Min
Max
tWHGL
Write Enable High to
Output Enable Low
66
6
µs
tAVAV
tRC
Read Cycle Time
E = VIL,G = VIL
70
90
100
ns
tAVQV
tACC
Address Valid to
Output Valid
E=VIL,G = VIL
70
90
100
ns
tELQX
(1)
tLZ
Chip Enable Low to
Output Transition
G= VIL
00
0
ns
tELQV
tCE
Chip Enable Low to
Output Valid
G= VIL
70
90
100
ns
tGLQX
(1)
tOLZ
Output Enable Low to
Output Transition
E= VIL
00
0
ns
tGLQV
tOE
Output Enable Low to
Output Valid
E= VIL
40
40
45
ns
tEHQZ
(1)
Chip Enable High to
Output Hi-Z
G= VIL
0
30
0
45
0
45
ns
tGHQZ
(1)
tDF
Output Enable High to
Output Hi-Z
E= VIL
0
30
0
30
0
30
ns
tAXQX
tOH
Address Transition to
Output Transition
E=VIL,G = VIL
00
0
ns
Note: 1. Sampled only, not 100% tested
Table 9A. Read Only Mode AC Characteristics
(TA = 0 to 70
°C, –40 to 85 °C or –40 to 125 °C; 0V ≤ VPP ≤ 6.5V)
7/23
M28F101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com