Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28F101 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M28F101
Description  1 Mb 128K x 8, Chip Erase FLASH MEMORY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28F101 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M28F101 Datasheet HTML 7Page - STMicroelectronics M28F101 Datasheet HTML 8Page - STMicroelectronics M28F101 Datasheet HTML 9Page - STMicroelectronics M28F101 Datasheet HTML 10Page - STMicroelectronics M28F101 Datasheet HTML 11Page - STMicroelectronics M28F101 Datasheet HTML 12Page - STMicroelectronics M28F101 Datasheet HTML 13Page - STMicroelectronics M28F101 Datasheet HTML 14Page - STMicroelectronics M28F101 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Symbol
Alt
Parameter
M28F101
Unit
-70
-90
-100
VCC=5V
±5%
VCC=5V
±10%
VCC=5V
±10%
SRAM
Interface
EPROM
Interface
EPROM
Interface
Min
Max
Min
Max
Min
Max
tVPHEL
VPP High to Chip Enable Low
1
1
1
µs
tVPHWL
VPP High to Write Enable Low
1
1
1
µs
tWHWH3
tWC
Write Cycle Time
70
90
100
ns
tAVWL
tAS
Address Valid to Write Enable Low
0
0
0
ns
tAVEL
Address Valid to Chip Enable Low
0
0
0
ns
tWLAX
tAH
Write Enable Low to Address Transition
40
40
40
ns
tELAX
Chip Enable Low to Address Transition
50
60
60
ns
tELWL
tCS
Chip Enable Low to Write Enable Low
10
15
15
ns
tWLEL
Write Enable Low to Chip Enable Low
0
0
0
ns
tGHWL
Output Enable High to Write Enable
Low
000
µs
tGHEL
Output Enable High to Chip Enable Low
0
0
0
µs
tDVWH
tDS
Input Valid to Write Enable High
30
40
40
ns
tDVEH
Input Valid to Chip Enable High
30
35
40
ns
tWLWH
tWP
Write Enable Low to Write Enable High
(Write Pulse)
35
40
40
ns
tELEH
Chip Enable Low to Chip Enable High
(Write Pulse)
35
45
45
ns
tWHDX
tDH
Write Enable High to Input Transition
10
10
10
ns
tEHDX
Chip Enable High to Input Transition
10
10
10
ns
tWHWH1
Duration of Program Operation
9.5
9.5
9.5
µs
tEHEH1
Duration of Program Operation
9.5
9.5
9.5
µs
tWHWH2
Duration of Erase Operation
9.5
9.5
9.5
ms
tWHEH
tCH
Write Enable High to Chip Enable High
0
0
0
ns
tEHWH
Chip Enable High to Write Enable High
0
0
0
ns
tWHWL
tWPH
Write Enable High to Write Enable Low
20
20
20
ns
tEHEL
Chip Enable High to Chip Enable Low
20
20
20
ns
tWHGL
Write Enable High to Output Enable
Low
666
µs
tEHGL
Chip Enable High to Output Enable Low
6
6
6
µs
tAVQV
tACC
Addess Valid to data Output
70
90
100
ns
tELQX
(1)
tLZ
Chip Enable Low to Output Transition
0
0
0
ns
tELQV
tCE
Chip Enable Low to Output Valid
70
90
100
ns
tGLQX
(1)
tOLZ
Output Enable Low to Output Transition
0
0
0
ns
tGLQV
tOE
Output Enable Low to Output Valid
40
40
45
ns
tEHQZ
(1)
Chip Enable High to Output Hi-Z
30
40
40
ns
tGHQZ
(1)
tDF
Output Enable High to Output Hi-Z
30
30
30
ns
tAXQX
tOH
Address Transition to Output Transition
0
0
0
ns
Note: 1. Sampled only, not 100% tested.
Table 10A. Read/Write Mode AC Characteristics, W and E Controlled
(TA = 0 to 70
°C, –40 to 85 °C or –40 to 125 °C)
11/23
M28F101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com