Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28F101 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M28F101
Description  1 Mb 128K x 8, Chip Erase FLASH MEMORY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28F101 Datasheet(HTML) 2 Page - STMicroelectronics

  M28F101 Datasheet HTML 1Page - STMicroelectronics M28F101 Datasheet HTML 2Page - STMicroelectronics M28F101 Datasheet HTML 3Page - STMicroelectronics M28F101 Datasheet HTML 4Page - STMicroelectronics M28F101 Datasheet HTML 5Page - STMicroelectronics M28F101 Datasheet HTML 6Page - STMicroelectronics M28F101 Datasheet HTML 7Page - STMicroelectronics M28F101 Datasheet HTML 8Page - STMicroelectronics M28F101 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
AI00668
A13
A10
17
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
9
A8
1
A9
DQ7
A14
32
M28F101
A11
G
E
25
Figure 2B. LCC Pin Connections
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
A13
A10
A8
A9
DQ7
A14
A11
G
E
DQ5
DQ1
DQ2
DQ3
VSS
DQ4
DQ6
NC
W
A16
A12
VPP
VCC
A15
AI00667
M28F101
8
1
2
3
4
5
6
7
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
Figure 2A. DIP Pin Connections
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
A13
A10
A8
A9
DQ7
A14
A11
G
E
DQ5
DQ1
DQ2
DQ3
DQ4
DQ6
NC
W
A16
A12
VPP
VCC
A15
AI00669B
M28F101
(Normal)
8
1
9
16
17
24
25
32
VSS
Figure 2C. TSOP Pin Connections
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
A13
A10
A8
A9
DQ7
A14
A11
G
E
DQ5
DQ1
DQ2
DQ3
DQ4
DQ6
NC
W
A16
A12
VPP
VCC
A15
AI00670C
M28F101
(Reverse)
8
1
9
16
17
24
25
32
VSS
Figure 2D. TSOP Reverse Pin Connections
Warning: NC = Not Connected.
Warning: NC = Not Connected.
Warning: NC = Not Connected.
Warning: NC = Not Connected.
2/23
M28F101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com