Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28F101 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M28F101
Description  1 Mb 128K x 8, Chip Erase FLASH MEMORY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28F101 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M28F101 Datasheet HTML 6Page - STMicroelectronics M28F101 Datasheet HTML 7Page - STMicroelectronics M28F101 Datasheet HTML 8Page - STMicroelectronics M28F101 Datasheet HTML 9Page - STMicroelectronics M28F101 Datasheet HTML 10Page - STMicroelectronics M28F101 Datasheet HTML 11Page - STMicroelectronics M28F101 Datasheet HTML 12Page - STMicroelectronics M28F101 Datasheet HTML 13Page - STMicroelectronics M28F101 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
AI00673
tWHGL
tVPHEL
00000h-00001h
tELQV
tEHQZ
tAVQV
A0-A16
E
G
DQ0-DQ7
DATA OUT
COMMAND
VPP
W
tAXQX
tGHQZ
tGLQV
READ
MANUFACTURER
OR DEVICE
READ ELECTRONIC
SIGNATURE SET-UP
tWLWH
tWHDX
tDVWH
tGHWL
tELWL
tWHEH
Figure 7. Electronic Signature Command Waveforms
As the Erase algorithm flow chart shows, when the
data read during Erase Verify is not FFh, another
Erase operation is performed and verification con-
tinues from the address of the last verifiedbyte. The
command is terminated by writing another valid
command to the command register (for example
Program or Reset).
Program and Program Verify Modes. The Pro-
gram Mode is set-up by writing 40h to the command
register. This is followed by a second write cycle
which latches the address and data of the byte to
be programmed. The rising edge of W during this
secind cycle starts the programming operation.
Programming is followed by a Program Verify of the
data written.
Program Verify Mode is set-up by writing C0h to the
command register. The rising edge of W during the
set-up of the Program Verify Mode stops the Pro-
gramming operation. The following read cycle, of
the address already latched during programming,
is made with an internally generated margin volt-
age applied,reading valid data indicates that all bits
have been programmed.
Reset Mode. This command is used to safely abort
Erase or Program Modes. The Reset Mode is
set-up and performed by writing FFh two times to
the command register. The command should be
followed by writing a valid command to the the
command register (for example Read).
READ/WRITE MODES (cont’d)
10/23
M28F101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com