Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28F101 Datasheet(PDF) 19 Page - STMicroelectronics

Part # M28F101
Description  1 Mb 128K x 8, Chip Erase FLASH MEMORY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28F101 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M28F101 Datasheet HTML 15Page - STMicroelectronics M28F101 Datasheet HTML 16Page - STMicroelectronics M28F101 Datasheet HTML 17Page - STMicroelectronics M28F101 Datasheet HTML 18Page - STMicroelectronics M28F101 Datasheet HTML 19Page - STMicroelectronics M28F101 Datasheet HTML 20Page - STMicroelectronics M28F101 Datasheet HTML 21Page - STMicroelectronics M28F101 Datasheet HTML 22Page - STMicroelectronics M28F101 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
PDIP32 - 32 pin Plastic DIP, 600 mils width
PDIP
A2
A1
A
L
B1
B
e1
D
S
E1
E
N
1
C
α
eA
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
4.83
0.190
A1
0.38
–
0.015
–
A2
–––
––
–
B
0.41
0.51
0.016
0.020
B1
1.14
1.40
0.045
0.055
C
0.20
0.30
0.008
0.012
D
41.78
42.04
1.645
1.655
E
15.24
15.88
0.600
0.625
E1
13.46
13.97
0.530
0.550
e1
2.54
–
–
0.100
–
–
eA
15.24
–
–
0.600
–
–
L
3.18
3.43
0.125
0.135
S
1.78
2.03
0.070
0.080
α
0
°
15
°
0
°
15
°
N32
32
PDIP32
Drawing is not to scale.
19/23
M28F101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com