Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28F101 Datasheet(PDF) 8 Page - STMicroelectronics

Part # M28F101
Description  1 Mb 128K x 8, Chip Erase FLASH MEMORY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28F101 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M28F101 Datasheet HTML 4Page - STMicroelectronics M28F101 Datasheet HTML 5Page - STMicroelectronics M28F101 Datasheet HTML 6Page - STMicroelectronics M28F101 Datasheet HTML 7Page - STMicroelectronics M28F101 Datasheet HTML 8Page - STMicroelectronics M28F101 Datasheet HTML 9Page - STMicroelectronics M28F101 Datasheet HTML 10Page - STMicroelectronics M28F101 Datasheet HTML 11Page - STMicroelectronics M28F101 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Symbol
Alt
Parameter
Test Condition
M28F101
Unit
-120
-150
-200
VCC=5V
±10% VCC=5V±10% VCC=5V±10%
EPROM
Interface
EPROM
Interface
EPROM
Interface
Min
Max
Min
Max
Min
Max
tWHGL
Write Enable High to
Output Enable Low
66
6
µs
tAVAV
tRC
Read Cycle Time
E = VIL,G = VIL
120
150
200
ns
tAVQV
tACC
Address Valid to
Output Valid
E=VIL,G = VIL
120
150
200
ns
tELQX
(1)
tLZ
Chip Enable Low to
Output Transition
G= VIL
00
0
ns
tELQV
tCE
Chip Enable Low to
Output Valid
G= VIL
120
150
200
ns
tGLQX
(1)
tOLZ
Output Enable Low to
Output Transition
E= VIL
00
0
ns
tGLQV
tOE
Output Enable Low to
Output Valid
E= VIL
50
55
60
ns
tEHQZ
(1)
Chip Enable High to
Output Hi-Z
G= VIL
055
0
55
060
ns
tGHQZ
(1)
tDF
Output Enable High to
Output Hi-Z
E= VIL
030
0
35
040
ns
tAXQX
tOH
Address Transition to
Output Transition
E=VIL,G = VIL
00
0
ns
Note: 1. Sampled only, not 100% tested
Table 9B. Read Only Mode AC Characteristics
((TA = 0 to 70
°C, –40 to 85 °C or –40 to 125 °C; 0V ≤ VPP ≤ 6.5V)
Erase and Erase Verify Modes. The memory is
erased by first Programming all bytes to 00h, the
Erase command then erases them to FFh. The
Erase Verify command is then used to read the
memory byte-by-byte for a content of FFh. The
Erase Mode is set-up by writing 20h to the com-
mand register. The write cycle is then repeated to
start the erase operation. Erasure starts on the
rising edge of W during this second cycle. Erase is
followed by an Erase Verify which reads an ad-
dressed byte.
Erase Verify Mode is set-up by writing A0h to the
command register and at the same time supplying
the address of the byte to be verified. The rising
edge of W during the set-up of the first Erase Verify
Mode stops the Erase operation. The following
read cycle is made with an internally generated
margin voltage applied; reading FFh indicates that
all bits of the addressed byte are fully erased. The
whole contents of the memory are verified by re-
peating the Erase Verify Operation, first writing the
set-up code A0h with the address of the byte to be
verified and then reading the byte contents in a
second read cycle.
8/23
M28F101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com