Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28F101 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M28F101
Description  1 Mb 128K x 8, Chip Erase FLASH MEMORY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28F101 Datasheet(HTML) 1 Page - STMicroelectronics

  M28F101 Datasheet HTML 1Page - STMicroelectronics M28F101 Datasheet HTML 2Page - STMicroelectronics M28F101 Datasheet HTML 3Page - STMicroelectronics M28F101 Datasheet HTML 4Page - STMicroelectronics M28F101 Datasheet HTML 5Page - STMicroelectronics M28F101 Datasheet HTML 6Page - STMicroelectronics M28F101 Datasheet HTML 7Page - STMicroelectronics M28F101 Datasheet HTML 8Page - STMicroelectronics M28F101 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
M28F101
1 Mb (128K x 8, Chip Erase) FLASH MEMORY
April 1997
1/23
AI00666B
17
A0-A16
W
DQ0-DQ7
VPP
VCC
M28F101
G
E
VSS
8
Figure 1. Logic Diagram
5V
±10% SUPPLY VOLTAGE
12V PROGRAMMING VOLTAGE
FAST ACCESS TIME: 70ns
BYTE PROGRAMING TIME: 10
µs typical
ELECTRICAL CHIP ERASE in 1s RANGE
LOW POWER CONSUMPTION
– Stand-by Current: 100
µA max
10,000 ERASE/PROGRAM CYCLES
INTEGRATED ERASE/PROGRAM-STOP
TIMER
OTP COMPATIBLE PACKAGES and PINOUTS
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Device Code: 07h
DESCRIPTION
The M28F101 FLASH Memory is a non-volatile
memory which may be erased electrically at the
chip level and programmed byte-by-byte. It is or-
ganised as 128K bytes of 8 bits. It uses a command
register architecture to select the operating modes
and thus provides a simple microprocessor inter-
face. The M28F101 FLASH Memory is suitable for
applications where the memory has to be repro-
grammed in the equipment. The access time of
70ns makes the device suitable for use in high
speed microprocessor systems.
A0-A16
Address Inputs
DQ0-DQ7
Data Inputs / Outputs
E
Chip Enable
G
Output Enable
W
Write Enable
VPP
Program Supply
VCC
Supply Voltage
VSS
Ground
Table 1. Signal Names
PLCC32 (K)
32
1
PDIP32 (P)
TSOP32 (N)
8 x 20 mm


Similar Part No. - M28F101

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
M28F YFWDIODE-M28F Datasheet
427Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
logo
Intel Corporation
M28F008 INTEL-M28F008 Datasheet
401Kb / 28P
8 MBIT (1 MBIT x 8) FLASH MEMORY
logo
Rochester Electronics
M28F008 ROCHESTER-M28F008 Datasheet
1Mb / 14P
8 MBIT (1 MBIT x 8) FLASH MEMORY Extended Cycllng Capablllty
logo
Intel Corporation
M28F010 INTEL-M28F010 Datasheet
317Kb / 22P
1024K (128K x 8) CMOS FLASH MEMORY
logo
STMicroelectronics
M28F201 STMICROELECTRONICS-M28F201 Datasheet
179Kb / 21P
2 Mb 256K x 8, Chip Erase FLASH MEMORY
Apr-1997
More results

Similar Description - M28F101

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28F201 STMICROELECTRONICS-M28F201 Datasheet
179Kb / 21P
2 Mb 256K x 8, Chip Erase FLASH MEMORY
Apr-1997
logo
Sharp Corporation
LH28F008SCH-V SHARP-LH28F008SCH-V Datasheet
1Mb / 41P
8-MBIT(1 MB x 8) SmartVoltage Flash MEMORY
LH28F008SCH SHARP-LH28F008SCH Datasheet
1Mb / 44P
8-MBIT(1 MB x 8) SmartVoltage Flash MEMORY
LH28F008SCHT SHARP-LH28F008SCHT Datasheet
3Mb / 47P
8-MBIT(1 MB x 8) SmartVoltage Flash MEMORY
logo
Winbond
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
128K X 8 CMOS FLASH MEMORY
W29EE011 WINBOND-W29EE011 Datasheet
183Kb / 20P
128K X 8 CMOS FLASH MEMORY
W29EE012 WINBOND-W29EE012 Datasheet
242Kb / 19P
128K X 8 CMOS FLASH MEMORY
W39L010 WINBOND-W39L010 Datasheet
780Kb / 27P
128K X 8 CMOS FLASH MEMORY
logo
Eon Silicon Solution In...
EN29F010 EON-EN29F010 Datasheet
429Kb / 35P
1 Megabit (128K x 8-bit) 5V Flash Memory
logo
ELAN Microelectronics C...
EM25LV010 EMC-EM25LV010 Datasheet
399Kb / 30P
1 Megabit (128K x 8) Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com