Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28F101 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M28F101
Description  1 Mb 128K x 8, Chip Erase FLASH MEMORY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28F101 Datasheet(HTML) 4 Page - STMicroelectronics

  M28F101 Datasheet HTML 1Page - STMicroelectronics M28F101 Datasheet HTML 2Page - STMicroelectronics M28F101 Datasheet HTML 3Page - STMicroelectronics M28F101 Datasheet HTML 4Page - STMicroelectronics M28F101 Datasheet HTML 5Page - STMicroelectronics M28F101 Datasheet HTML 6Page - STMicroelectronics M28F101 Datasheet HTML 7Page - STMicroelectronics M28F101 Datasheet HTML 8Page - STMicroelectronics M28F101 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Command
Cycles
1st Cycle
2nd Cycle
Operation
A0-A16
DQ0-DQ7
Operation
A0-A16
DQ0-DQ7
Read
1
Write
X
00h
Electronic
Signature
(2)
2
Write
X
90h
Read
00000h
20h
Read
00001h
07h
Setup Erase/
2
Write
X
20h
Erase
Write
X
20h
Erase Verify
2
Write
A0-A16
A0h
Read
X
Data Output
Setup Program/
2
Write
X
40h
Program
Write
A0-A16
Data Input
Program Verify
2
Write
X
C0h
Read
X
Data Output
Reset
2
Write
X
FFh
Write
X
FFh
Notes: 1. X = VIL or VIH.
2. Refer also to the Electronic Signature table.
Table 5. Commands (1)
Identifier
A0
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
Hex Data
Manufacturer’s Code
VIL
001
00
00
0
20h
Device Code
VIH
000
00
11
1
07h
Table 4. Electronic Signature
VPP
Operation
E
G
W
A9
DQ0 - DQ7
Read Only
VPPL
Read
VIL
VIL
VIH
A9
Data Output
Output Disable
VIL
VIH
VIH
X
Hi-Z
Standby
VIH
X
X
X
Hi-Z
Electronic Signature
VIL
VIL
VIH
VID
Codes
Read/Write
(2)
VPPH
Read
VIL
VIL
VIH
A9
Data Output
Write
VIL
VIH
VIL Pulse
A9
Data Input
Output Disable
VIL
VIH
VIH
X
Hi-Z
Standby
VIH
X
X
X
Hi-Z
Notes: 1. X = VIL or VIH.
2. Refer also to the Command table.
Table 3. Operations (1)
4/23
M28F101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com