Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K1R Datasheet(PDF) 7 Page - STMicroelectronics

Part # K1R
Description  2 Mb 256K x 8, Chip Erase FLASH MEMORY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

K1R Datasheet(HTML) 7 Page - STMicroelectronics

Back Button K1R Datasheet HTML 3Page - STMicroelectronics K1R Datasheet HTML 4Page - STMicroelectronics K1R Datasheet HTML 5Page - STMicroelectronics K1R Datasheet HTML 6Page - STMicroelectronics K1R Datasheet HTML 7Page - STMicroelectronics K1R Datasheet HTML 8Page - STMicroelectronics K1R Datasheet HTML 9Page - STMicroelectronics K1R Datasheet HTML 10Page - STMicroelectronics K1R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Symbol
Alt
Parameter
Test Condition
M28F201
Unit
-70
-90
-120
-150
VCC =
5V
±10%
VCC =
5V
±10%
VCC =
5V
±10%
VCC =
5V
±10%
EPROM
Interface
EPROM
Interface
EPROM
Interface
EPROM
Interface
Min
Max
Min
Max
Min
Max
Min
Max
tWHGL
Write Enable High to
Output Enable Low
6666
µs
tAVAV
tRC
Read Cycle Time
E = VIL,G = VIL
70
90
120
150
ns
tAVQV
tACC
Address Valid to
Output Valid
E=VIL,G = VIL
70
90
120
150
ns
tELQX
(1)
tLZ
Chip Enable Low to
Output Transition
G= VIL
0000
ns
tELQV
tCE
Chip Enable Low to
Output Valid
G= VIL
70
90
120
150
ns
tGLQX
(1 )
tOLZ
Output Enable Low
to Output Transition
E= VIL
0000
ns
tGLQV
tOE
Output Enable Low
to Output Valid
E= VIL
25
30
35
40
ns
tEHQZ
(1 )
Chip Enable High to
Output Hi-Z
G= VIL
0
25
0
30
0
30
0
35
ns
tGHQZ
(1)
tDF
Output Enable High
to Output Hi-Z
E= VIL
0
25
0
30
0
30
0
35
ns
tAXQX
tOH
Address Transition
to Output Transition
E=VIL,G = VIL
0000
ns
Note: 1. Sampled only, not 100% tested
Table 9. Read Only Mode AC Characteristics
((TA = 0 to 70
°C, –40 to 85 °C or –40 to 125 °C)
Erase and Erase Verify Modes. The memory is
erased by first Programming all bytes to 00h, the
Erase command then erases them to FFh. The
Erase Verify command is then used to read the
memory byte-by-byte for a content of FFh. The
Erase Mode is set-up by writing 20h to the com-
mand register. The write cycle is then repeated to
start the erase operation. Erasure starts on the
rising edge of W during this second cycle. Erase is
followed by an Erase Verify which reads an ad-
dressed byte. Erase Verify Mode is set-up by writ-
ing A0h to the command register and at the same
time supplying the address of the byte to be veri-
fied. The rising edge of W during the set-up of the
first Erase Verify Mode stops the Erase operation.
The following read cycle is made with an internally
generated margin voltage applied; reading FFh
indicates that all bits of the addressed byte are fully
erased. The whole contents of the memory are
verified by repeating the Erase Verify Operation,
first writing the set-up code A0h with the address
of the byte to be verified and then reading the byte
contents in a second read cycle.
As the Erase algorithm flow chart shows, when the
data read during Erase Verify is not FFh, another
Erase operation is performed and verification con-
tinues from the address of the last verified byte. The
command is terminated by writing another valid
command to the command register (for example
Program or Reset).
7/21
M28F201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com