Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K1R Datasheet(PDF) 1 Page - STMicroelectronics

Part # K1R
Description  2 Mb 256K x 8, Chip Erase FLASH MEMORY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

K1R Datasheet(HTML) 1 Page - STMicroelectronics

  K1R Datasheet HTML 1Page - STMicroelectronics K1R Datasheet HTML 2Page - STMicroelectronics K1R Datasheet HTML 3Page - STMicroelectronics K1R Datasheet HTML 4Page - STMicroelectronics K1R Datasheet HTML 5Page - STMicroelectronics K1R Datasheet HTML 6Page - STMicroelectronics K1R Datasheet HTML 7Page - STMicroelectronics K1R Datasheet HTML 8Page - STMicroelectronics K1R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
M28F201
2 Mb (256K x 8, Chip Erase) FLASH MEMORY
April 1997
1/21
AI00637C
18
A0-A17
W
DQ0-DQ7
VPP
VCC
M28F201
G
E
VSS
8
Figure 1. Logic Diagram
A0-A17
Address Inputs
DQ0-DQ7
Data Inputs / Outputs
E
Chip Enable
G
Output Enable
W
Write Enable
VPP
Program Supply
VCC
Supply Voltage
VSS
Ground
Table 1. Signal Names
PLCC32 (K)
TSOP32 (N)
8 x 20 mm
5V
± 10% SUPPLY VOLTAGE
12V PROGRAMMING VOLTAGE
FAST ACCESS TIME: 70ns
BYTE PROGRAMMING TIME: 10
µs typical
ELECTRICAL CHIP ERASE in 1s RANGE
LOW POWER CONSUMPTION
– Active Current: 15mA typical
– Stand-by Current: 10
µA typical
10,000 PROGRAM/ERASE CYCLES
INTEGRATED ERASE/PROGRAM-STOP
TIMER
OTP COMPATIBLE PACKAGES and PINOUTS
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Device Code: F4h
DESCRIPTION
The M28F201 FLASH Memory product is a non-
volatile memories which may be erased electrically
at the chip level and programmed byte-by-byte. It
is organised as 256K bytes. It uses a command
register architecture to select the operating modes
and thus provide a simple microprocessor inter-
face. The M28F201 FLASH Memory product is
suitable for applications where the memory has to
be reprogrammed in the equipment. The access
time of 70ns makes the device suitable for use in
high speed microprocessor systems.


Similar Part No. - K1R

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
K1R KEMET-K1R Datasheet
1Mb / 7P
CERAMIC OPEN MODE CAPACITORS
K1R KEMET-K1R Datasheet
159Kb / 2P
Surface Mount Ceramic Chip Capacitors - 100 Volt Series - X7R Dielectric
K1R KEMET-K1R Datasheet
473Kb / 2P
CERAMIC OPEN MODE CAPACITORS
More results

Similar Description - K1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28F101 STMICROELECTRONICS-M28F101 Datasheet
197Kb / 23P
1 Mb 128K x 8, Chip Erase FLASH MEMORY
Apr-1997
M28F256 STMICROELECTRONICS-M28F256 Datasheet
715Kb / 20P
256K(32K x8, Chip Erase)FLASH MEMORY
Mar-1996
logo
Sharp Corporation
LH28F016SCH SHARP-LH28F016SCH Datasheet
1Mb / 43P
16-MBIT(2 MB x 8) SmartVoltage Flash MEMORY
logo
Winbond
W29C020 WINBOND-W29C020 Datasheet
267Kb / 21P
256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
256K X 8 CMOS FLASH MEMORY
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
256K X 8 CMOS FLASH MEMORY
W49L201 WINBOND-W49L201 Datasheet
190Kb / 23P
256K X 8 CMOS FLASH MEMORY
logo
List of Unclassifed Man...
EN29F002N ETC-EN29F002N Datasheet
267Kb / 32P
2 Megabit (256K x 8-bit) Flash Memory
logo
Eon Silicon Solution In...
EN29F002A EON-EN29F002A Datasheet
431Kb / 35P
2 Megabit (256K x 8-bit) Flash Memory
logo
List of Unclassifed Man...
BM29F400T ETC1-BM29F400T Datasheet
228Kb / 38P
4MEGABIT (512K x 8/ 256K x 16) 5VOLT SECTOR ERASE CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com