Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K1R Datasheet(PDF) 6 Page - STMicroelectronics

Part # K1R
Description  2 Mb 256K x 8, Chip Erase FLASH MEMORY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

K1R Datasheet(HTML) 6 Page - STMicroelectronics

Back Button K1R Datasheet HTML 2Page - STMicroelectronics K1R Datasheet HTML 3Page - STMicroelectronics K1R Datasheet HTML 4Page - STMicroelectronics K1R Datasheet HTML 5Page - STMicroelectronics K1R Datasheet HTML 6Page - STMicroelectronics K1R Datasheet HTML 7Page - STMicroelectronics K1R Datasheet HTML 8Page - STMicroelectronics K1R Datasheet HTML 9Page - STMicroelectronics K1R Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
±1
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC
±10
µA
ICC
Supply Current (Read)
E = VIL, f = 10MHz
30
mA
ICC1
Supply Current (Standby) TTL
E = VIH
1mA
Supply Current (Standby) CMOS
E = VCC
± 0.2V
100
µA
ICC2
(1 )
Supply Current (Programming)
During Programming
10
mA
ICC3
(1)
Supply Current (Program Verify)
During Verify
20
mA
ICC4
(1)
Supply Current (Erase)
During Erasure
20
mA
ICC5
(1 )
Supply Current (Erase Verify)
During Erase Verify)
20
mA
ILPP
Program Leakage Current
VPP
≤ VCC
±10
µA
IPP
Program Current (Read or
Standby)
VPP >VCC
200
µA
VPP
≤ VCC
±10
µA
IPP1
(1)
Program Current (Programming)
VPP =VPPH, During Programming
30
mA
IPP2
(1)
Program Current (Program
Verify)
VPP =VPPH, During Verify
5
mA
IPP3
(1)
Program Current (Erase)
VPP =VPPH, During Erase
30
mA
IPP4
(1)
Program Current (Erase Verify)
VPP =VPPH, During Erase Verify
5
mA
VIL
Input Low Voltage
–0.5
0.8
V
VIH
Input High Voltage TTL
2
VCC + 0.5
V
Input High Voltage CMOS
0.7 VCC
VCC + 0.5
V
VOL
Output Low Voltage
IOL = 5.8mA
0.45
V
VOH
Output High Voltage CMOS
IOH = –100
µAVCC – 0.4
V
IOH = –2.5mA
0.85 VCC
V
Output High Voltage TTL
IOH = –2.5mA
2.4
V
VPPL
Program Voltage (Read
Operations)
0
6.5
V
VPPH
Program Voltage (Read/Write
Operations)
11.4
12.6
V
VID
A9 Voltage (Electronic Signature)
11.5
13
V
IID
(1)
A9 Current (Electronic Signature)
A9 = VID
200
µA
VLKO
Supply Voltage, Erase/Program
Lock-out
2.5
V
Note: 1. Not 100% tested. Characterisation Data available.
Table 8. DC Characteristics
(TA = 0 to 70
°C, –40 to 85 °C or –40 to 125 °C; VCC =5V ± 10%)
6/21
M28F201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com